Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRF1010 Datasheet(Fiches technique) 4 Page - Nell Semiconductor Co., Ltd

Numéro de pièce IRF1010
Description  N-Channel Power MOSFET
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NELLSEMI [Nell Semiconductor Co., Ltd]
Site Internet  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF1010 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  IRF1010 Datenblatt HTML 1Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 2Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 3Page - Nell Semiconductor Co., Ltd IRF1010 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 5Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 6Page - Nell Semiconductor Co., Ltd IRF1010 Datenblatt HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.5 Typical capacitance vs. Drain-to-Source
voltage
Drain-to-Source voltage, V
(V)
DS
Total gate charge, Q (nC)
G
Fig.8 Maximum safe operating area
Drain-to-Source voltage, V
(V)
DS
Junction temperature, T (°C)
J
Fig.7 Typical Source-Drain diode forward
voltage
Source-to-Drain voltage, V
(V)
SD
Fig.6 Typical gate charge vs. Gate-to-Source
voltage
Fig.9 Normalized on-resistance vs.
temperature
10
1000
IRF1010 Series
100000
10000
1000
0
1
10
100
0
0.2 0.4
1
1.2
100
1
0.1
100
1000
10
1
0.1
1
10
100
2.5
2
1.5
1
0.5
-20
0
-60
-40
20 40 60 80 100
0
2
4
6
8
10
12
0
20
40
60
30
10
50
www.nellsemi.com
Page 4 of 7
Coss
Crss
Ciss
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
rss
gd
C
= C
+C
oss
ds
gd
V
= 0V,
GS
f =1MHZ
V
= 48V
DS
V
= 30V
DS
V
= 12V
DS
l = 51A
D
T = 25 °C
J
V
= 0V
GS
T = 17 5°C
J
0.8
0.6
1.4
2
1.6 1.8
Note:
1. T
2. T
= 25°C
C
= 175°C
J
3. Single Pulse
1ms
10ms
100µs
Operation in This Area is Limited by RDS(ON)
10000
l =84A
D
V
=10V
GS
120 140 160 180


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn