Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4392 Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4392 Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS4392 Datasheet HTML 7Page - Cirrus Logic CS4392 Datasheet HTML 8Page - Cirrus Logic CS4392 Datasheet HTML 9Page - Cirrus Logic CS4392 Datasheet HTML 10Page - Cirrus Logic CS4392 Datasheet HTML 11Page - Cirrus Logic CS4392 Datasheet HTML 12Page - Cirrus Logic CS4392 Datasheet HTML 13Page - Cirrus Logic CS4392 Datasheet HTML 14Page - Cirrus Logic CS4392 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
CS4392
DS459PP2
11
3.6
Digital Interface Format
The device will accept audio samples in several digital interface formats as illustrated in Tables 5 and 8.
The desired format is selected via the M0 and M1 pins for stand alone mode, and through the DIF2:0 bits
in the control port. For an illustration of the required relationship between the Left/Right Clock, Serial
Clock and Serial Audio Data, see Figures 4-6.
M1
M0
DESCRIPTION
FORMAT
FIGURE
00
Left Justified, up to 24-bit data
04
01
I2S, up to 24-bit data
15
10
Right Justified, 16-bit Data
26
11
Right Justified, 24-bit Data
36
Table 5. Digital Interface Format, Stand-Alone Mode Options
Figure 4. Format 0, Left Justified up to 24-Bit Data
LR C K
SC L K
Left C hannel
R igh t C hannel
SD AT A
+3 +2 +1 LS B
+5 +4
MSB -1 -2 -3 -4 -5
+3 +2 +1 LSB
+5 +4
MSB -1 -2 -3 -4
Figure 5. Format 1, I2S up to 24-Bit Data
LR C K
SC L K
Left C hannel
R ight C hannel
SD A T A
+3 +2 +1 LSB
+5 +4
MS B -1 -2 -3 -4 -5
+3 +2 +1 LSB
+5 +4
MS B -1 -2 -3 -4
LR CK
SCLK
Left C hanne l
SD ATA
+5 +4 +3 +2 +1 LSB
MSB -1 -2 -3 -4 -5
32 clo cks
Righ t C hannel
LSB
+5 +4 +3 +2 +1 LSB
MSB -1
-2 -3 -4 -5
+6
-6
+6
-6
Figure 6. Format 2, Right Justified 16-Bit Data
Format 3, Right Justified 24-Bit Data
Format 4, Right Justified 20-Bit Data. (Available in Control Port Mode only)
Format 5, Right Justified 18-Bit Data. (Available in Control Port Mode only)


Numéro de pièce similaire - CS4392

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4392-KS CIRRUS-CS4392-KS Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392-KZ CIRRUS-CS4392-KZ Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392-KZZ CIRRUS-CS4392-KZZ Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Description similaire - CS4392

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com