Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4360-KS Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS4360-KS
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KS Fiches technique(HTML) 1 Page - Cirrus Logic

  CS4360-KS Datasheet HTML 1Page - Cirrus Logic CS4360-KS Datasheet HTML 2Page - Cirrus Logic CS4360-KS Datasheet HTML 3Page - Cirrus Logic CS4360-KS Datasheet HTML 4Page - Cirrus Logic CS4360-KS Datasheet HTML 5Page - Cirrus Logic CS4360-KS Datasheet HTML 6Page - Cirrus Logic CS4360-KS Datasheet HTML 7Page - Cirrus Logic CS4360-KS Datasheet HTML 8Page - Cirrus Logic CS4360-KS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4360
24-Bit, 192 kHz 6 Channel D/A Converter
Features
l 24-Bit Conversion
l 102 dB Dynamic Range
l -90 dB THD+N
l +3 V to +5 V Power Supply
l Digital Volume Control with Soft Ramp
– 119 dB Attenuation
– 1 dB Step Size
– Zero Crossing Click-Free Transitions
l Low Power Consumption
– 105 mW with 3 V supply
l ATAPI Mixing
l Low Clock Jitter Sensitivity
l Popguard Technology® for Control of Clicks
and Pops
Description
The CS4360 is a complete 6-channel digital-to-analog
system including digital interpolation, fourth-order delta-
sigma digital-to-analog conversion, digital de-emphasis,
volume control, channel mixing and analog filtering. The
advantages of this architecture include: ideal differential
linearity, no distortion mechanisms due to resistor
matching errors, no linearity drift over time and tempera-
ture and a high tolerance to clock jitter.
The CS4360 accepts data at audio sample rates from
4 kHz to 200 kHz, consumes very little power and oper-
ates over a wide power supply range. These features are
ideal for cost-sensitive, multi-channel audio systems in-
cluding DVD players, A/V receivers, set-top boxes,
digital TVs and VCRs, mini-component systems, and
mixing consoles.
ORDERING INFORMATION
CS4360-KS
-10 to 70 °C
28-pin SOIC
CS4360-BS
-40 to 85 °C
28-pin SOIC
CS4360-KZ
-10 to 70 °C
28-pin TSSOP
CS4360-BZ
-40 to 85 °C
28-pin TSSOP
CDB4360
Evaluation Board
I
Co nt r o l P o rt
E xt e rnal
Mut e C o nt r ol
RS T
Vol u m e C o nt r o l
Int e r polat i o n F i lter
A n alo g F i lt e r
AO UT A1
∆Σ DA C
Mi x e r
Vol u m e C o nt r o l
∆Σ DA C
An alo g F i lt e r
AO UT B1
Int er polat i o n F i lter
Vol u m e C o nt r o l
Int e r polati o n F i lte r
A n alo g Fi lt e r
AO UT A2
∆Σ DA C
Mi x e r
Vol u m e C o nt r o l
∆Σ DA C
An alo g F i lt e r
AO UT B2
Int er polat i o n F i lter
Vol u m e C o nt r o l
Int e r polati o n F i lte r
A n alo g Fi lt e r
AO UT A3
∆Σ DA C
Mi x e r
Vol u m e C o nt r o l
∆Σ DA C
An alo g F i lt e r
AO UT B3
Int er polat i o n F i lter
MC L K
LR C K
SC L K
SD I N 1
SD I N 2
SD I N 3
DIF1/SCL/CCLK DIF0/SDA/CDIN M1/AD0/CS
VLC
÷2
VQ
FILT+
VA
GND
VD
VLS
MUTEC1
MUTEC2
MUTEC3
M2
GND
FEB ‘01
DS517PP1


Numéro de pièce similaire - CS4360-KS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4360-KZ CIRRUS-CS4360-KZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360-KZZ CIRRUS-CS4360-KZZ Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
More results

Description similaire - CS4360-KS

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4361 CIRRUS-CS4361 Datasheet
671Kb / 23P
   20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4364 CIRRUS-CS4364_08 Datasheet
1Mb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com