Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC4026 Datasheet(Fiches technique) 2 Page - Savantic, Inc.

Numéro de pièce 2SC4026
Description  Silicon NPN Power Transistors
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SAVANTIC [Savantic, Inc.]
Site Internet  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC4026 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC4026 Datenblatt HTML 1Page - Savantic, Inc. 2SC4026 Datasheet HTML 2Page - Savantic, Inc. 2SC4026 Datenblatt HTML 3Page - Savantic, Inc. 2SC4026 Datenblatt HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4026
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA , IB=0
400
V
VCEsat
Collector-emitter saturation voltage
IC=2A ;IB=0.4A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=2A ;IB=0.4A
1.5
V
ICBO
Collector cut-off current
VCB=500V; IE=0
100
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
µA
hFE-1
DC current gain
IC=0.1A ; VCE=5V
15
hFE-2
DC current gain
IC=2A ; VCE=5V
8
fT
Transition frequency
IC=0.5A ; VCE=10V;f=1MHz
5
MHz
Switching times
ton
Turn-on time
0.7
µs
ts
Storage time
2.0
µs
tf
Fall time
IC=2A ;IB1=0.4A;IB2=-0.8A
VCC=150V
0.3
µs


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn