Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2N30Z Fiches technique(PDF) 3 Page - Unisonic Technologies

No de pièce UF2N30Z
Description  2A, 300V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF2N30Z Fiches technique(HTML) 3 Page - Unisonic Technologies

  UF2N30Z Datasheet HTML 1Page - Unisonic Technologies UF2N30Z Datasheet HTML 2Page - Unisonic Technologies UF2N30Z Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UF2N30Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-761.B
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
Drain-Source Breakdown Voltage, BVDSS (V)
0.7
0
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
2.1
2.8
4.2
1.4
3.5
0
50
100
150
200
250
300
0
70
210
280
350
140
0
50
100
150
200
250
300
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
0.2
0.5
0
0.15
0.3
0.45 0.6
VGS=10V, ID=0.425A
0.1
0.3
0.4
0.6
0.9
0
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
0.75
1.2
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - UF2N30Z

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UF2N30ZG-AA3-R UTC-UF2N30ZG-AA3-R Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZG-TM3-T UTC-UF2N30ZG-TM3-T Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZG-TMS-T UTC-UF2N30ZG-TMS-T Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZG-TN3-T UTC-UF2N30ZG-TN3-T Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30ZL-TM3-T UTC-UF2N30ZL-TM3-T Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Description similaire - UF2N30Z

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UF3N30 UTC-UF3N30 Datasheet
134Kb / 3P
   3A, 300V N-CHANNEL POWER MOSFET
UF3N30Z UTC-UF3N30Z Datasheet
148Kb / 3P
   3A, 300V N-CHANNEL POWER MOSFET
4N30Z UTC-4N30Z Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
12N30 UTC-12N30 Datasheet
164Kb / 5P
   12A, 300V N-CHANNEL POWER MOSFET
10N30 UTC-10N30 Datasheet
156Kb / 4P
   10A, 300V N-CHANNEL POWER MOSFET
4N30 UTC-4N30 Datasheet
180Kb / 3P
   4A, 300V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com