Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4228A Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS4228A
Description  24-Bit, 96 kHz Surround Sound Codec?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4228A Fiches technique(HTML) 1 Page - Cirrus Logic

  CS4228A Datasheet HTML 1Page - Cirrus Logic CS4228A Datasheet HTML 2Page - Cirrus Logic CS4228A Datasheet HTML 3Page - Cirrus Logic CS4228A Datasheet HTML 4Page - Cirrus Logic CS4228A Datasheet HTML 5Page - Cirrus Logic CS4228A Datasheet HTML 6Page - Cirrus Logic CS4228A Datasheet HTML 7Page - Cirrus Logic CS4228A Datasheet HTML 8Page - Cirrus Logic CS4228A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4228A
24-Bit, 96 kHz Surround Sound Codec
Features
l Six 24-bit D/A Converters
- 100 dB dynamic range
- -90 dB THD+N
l Two 24-bit A/D Converters
- 97 dB dynamic range
- -95 dB THD+N
l Sample rates up to 100 kHz
l Pop-free Digital Output Volume Controls
- 90.5 dB range, 0.5 dB resolution (182 levels)
- Variable smooth ramp rate, 0.125 dB steps
l Mute Control pin for off-chip muting circuits
l On-chip Anti-alias and Output Filters
l De-emphasis filters for 32, 44.1 and 48 kHz
Description
The CS4228A codec provides two analog-to-digital and
six digital-to-analog delta-sigma converters, along with
volume controls, in a compact 28-pin SSOP device.
Combined with an IEC958 (SPDIF) receiver (like the
CS8414) and surround sound decoder (such as one of
the CS492x or CS493xx families), it is ideal for use in
DVD player, A/V receiver and car audio systems sup-
porting multiple standards such as Dolby Digital AC-3,
AAC, DTS, Dolby ProLogic, THX, and MPEG.
A flexible serial audio interface allows operation in Left
Justified, Right Justified, I2S, or One Line Data modes.
ORDERING INFORMATION
CS4228A-KS -10° to +70° C 28-pin SSOP
CDB4228A
Evaluation Board
I
SCL/CCLK
SDA/CDIN
VD
FL
LRCK
SCLK
SDIN1
SDOUT
CONTROL PORT
VA
FR
AINL+
AINL-
SDIN2
MCLK
DGND
SL
SR
AINR+
AINR-
LEFT ADC
SDIN3
MUTEC
AD0/CS
RST
FILT
CENTER
SUB
VL
RIGHT ADC
AGND
∆Σ DAC #1
CLOCK MANAGER
MUTE CONTROL
∆Σ DAC #2
∆Σ DAC #3
∆Σ DAC #4
∆Σ DAC #5
∆Σ DAC #6
DIGITAL VOLUME
DIGITAL VOLUME
DIGITAL VOLUME
DIGITAL VOLUME
DIGITAL VOLUME
DIGITAL VOLUME
DGND
AGND
OCT ‘00
DS511PP1


Numéro de pièce similaire - CS4228A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Description similaire - CS4228A

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com