Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4225-BL Fiches technique(PDF) 2 Page - Cirrus Logic

No de pièce CS4225-BL
Description  Digital Audio Conversion System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225-BL Fiches technique(HTML) 2 Page - Cirrus Logic

  CS4225-BL Datasheet HTML 1Page - Cirrus Logic CS4225-BL Datasheet HTML 2Page - Cirrus Logic CS4225-BL Datasheet HTML 3Page - Cirrus Logic CS4225-BL Datasheet HTML 4Page - Cirrus Logic CS4225-BL Datasheet HTML 5Page - Cirrus Logic CS4225-BL Datasheet HTML 6Page - Cirrus Logic CS4225-BL Datasheet HTML 7Page - Cirrus Logic CS4225-BL Datasheet HTML 8Page - Cirrus Logic CS4225-BL Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ANALOG CHARACTERISTICS( TA = 25°C; VA+, VD+ = +5V; Full Scale Input Sine wave, 1 kHz;
Word Clock = 48 kHz (PLL in use); Measurement Bandwidth is 20 Hz to 20 kHz; Local components as shown
in "Recommended Connection Diagram"; SPI mode, Format 0, unless otherwise specified.)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Input Characteristics - Minimum gain setting (0 dB); unless otherwise specified.
ADC Resolution
Audio channels
16
-
-
Bits
Auxiliary channel
12
Bits
ADC Differential Nonlinearity
-
-
±0.9
LSB
Dynamic Range
Audio channels(A weighted):
82
85
-
dB
Total Harmonic Distortion + Noise (A weighted)
THD+N
-
-85
-82
dB
Interchannel Isolation
-
85
-
dB
Interchannel Gain Mismatch
-
-
.1
dB
Frequency Response
Audio channels(0 to 0.454 Fs):
-3.0
-
+0.2
dB
Programmable Input Gain
-0.2
-
46.7
dB
Gain Step
1.3
1.5
1.7
dB
Offset Error
-
10
-
LSB
Full Scale Input Voltage (Auxiliary and Audio channels):
2.66
2.8
2.94
Vpp
Gain Drift
-
100
-
ppm/
°C
Input Resistance
(Note 1)
10
-
-
k
Input Capacitance
-
-
15
pF
CMOUT Output Voltage
1.9
2.1
2.3
V
Specifications are subject to change without notice.
* Parameter definitions are given at the end of this data sheet.
Notes: 1. Input resistance is for the input selected. Non-selected inputs have a very high (>1M
Ω) input
resistance. The input resistance will vary with gain value selected, but will always be greater
than the min. value specified.
CS4225
2
DS86PP8


Numéro de pièce similaire - CS4225-BL

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Description similaire - CS4225-BL

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
   Dual-Channel Digital Audio System
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
logo
NXP Semiconductors
SAA7220 PHILIPS-SAA7220 Datasheet
247Kb / 20P
   DIGITAL FILTER FOR COMPACT DISC DIGITAL AUDIO SYSTEM
September 1985
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com