Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC3H5J00000F Fiches technique(PDF) 4 Page - Sharp Corporation

No de pièce PC3H5J00000F
Description  Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H5J00000F Fiches technique(HTML) 4 Page - Sharp Corporation

  PC3H5J00000F Datasheet HTML 1Page - Sharp Corporation PC3H5J00000F Datasheet HTML 2Page - Sharp Corporation PC3H5J00000F Datasheet HTML 3Page - Sharp Corporation PC3H5J00000F Datasheet HTML 4Page - Sharp Corporation PC3H5J00000F Datasheet HTML 5Page - Sharp Corporation PC3H5J00000F Datasheet HTML 6Page - Sharp Corporation PC3H5J00000F Datasheet HTML 7Page - Sharp Corporation PC3H5J00000F Datasheet HTML 8Page - Sharp Corporation PC3H5J00000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sheet No.: D2-A01702EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Collector current
Collector-emitter saturation voltage
Collector-emitter breakdown voltage
Emitter-collector breakdown voltage
Isolation resistance
MIN.
6
5
×10
10
TYP.
1.2
30
0.8
1
×10
11
53
MAX.
1.4
10
250
1000
1.0
250
Unit
V
V
µA
pF
nA
V
mA
616
75
V
µs
µs
Symbol
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
RISO
tf
Response time
Rise time
Fall time
Input
Output
IF
=20mA
VR
=4V
V
=0, f=1kHz
VCE
=10V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=1mA, VCE=2V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
60
300
tr
Floating capacitance
0.6
1.0
Cf
pF
V
=0, f=1MHz
IF
=1mA, IC=2mA
35
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute
*3 For 10s
Rating
50
1
70
Reverse voltage
V
VR
6
35
6
80
150
170
−30 to +100
−40 to +125
260
2.5
kV
4
PC3H5J00000F Series


Numéro de pièce similaire - PC3H5J00000F

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PC3H5 SHARP-PC3H5 Datasheet
48Kb / 4P
   High Sensitivity Type Half Pitch Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
More results

Description similaire - PC3H5J00000F

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355N SHARP-PC355N Datasheet
226Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365N SHARP-PC365N Datasheet
194Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
logo
Vishay Siliconix
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.7, 10-Mar-16
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
VOS617A VISHAY-VOS617A_14 Datasheet
155Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
Rev. 1.4, 08-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com