Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB140DS35 Fiches technique(PDF) 3 Page - SIPAT Co,Ltd

No de pièce LB140DS35
Description  140MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIPAT [SIPAT Co,Ltd]
Site Internet  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS35 Fiches technique(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS35 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS35 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS35 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS35
Rev. Date
2008-09-18
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz SAW Filter
3MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS35
Typical Performance
Frequency Respond
Passband Respond
125
130
135
140
145
150
155
-101.0566
-91.0566
-81.0566
-71.0566
-61.0566
-51.0566
-41.0566
-31.0566
-21.0566
-11.0566
-1.0566
Type Performance
Frequency(MHz)
136
137
138
139
140
141
142
143
144
-13.5566
-13.0566
-12.5566
-12.0566
-11.5566
-11.0566
-10.5566
-10.0566
-9.5566
Type Performance
Frequency(MHz)
Horizontal: 5MHz/Div
Vertical: 10dB/Div
Horizontal: 1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±1MHz)
Phase Linearity(f0±1MHz)
137.5
138
138.5
139
139.5
140
140.5
141
141.5
142
142.5
850
900
950
1000
1050
1100
1150
1200
X: 140
Y: 1034
Type Performance
Frequency(MHz)
X: 141
Y: 1051
X: 139
Y: 1054
137.5
138
138.5
139
139.5
140
140.5
141
141.5
142
142.5
-8
-6
-4
-2
0
2
4
6
X: 140
Y: -0.3521
Type Performance
Frequency(MHz)
X: 141
Y: 0.2323
X: 139
Y: 0.365
Horizontal: 0.5MHz/Div
Vertical: 50ns/Div
Horizontal: 0.5MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0


Numéro de pièce similaire - LB140DS35

FabricantNo de pièceFiches techniqueDescription
logo
SIPAT Co,Ltd
LB140DS35 SIPAT-LB140DS35 Datasheet
151Kb / 3P
   140MHz SAW Filter 3MHz Bandwidth
More results

Description similaire - LB140DS35

FabricantNo de pièceFiches techniqueDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com