Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8140YN14 Fiches technique(PDF) 10 Page - Cherry Semiconductor Corporation

No de pièce CS8140YN14
Description  5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8140YN14 Fiches technique(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS8140YN14 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 10Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 11Page - Cherry Semiconductor Corporation CS8140YN14 Datasheet HTML 12Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Battery
C1*
0.1
mF
(optional)
Ignition
0.1
mF
VIN
VOUT
ENABLE
DELAY
Gnd
WDI
C2**
10
mF*
2.7k
W
RESET
RESET
Vcc
WATCHDOG
PORT
MICROPROCESSOR
5V
CS8140
R***
Application Diagrams
C1
0.1
mF
VIN
VOUT
ENABLE
Gnd
WDI
RESET
CS8140/1
CDelay
R1
110K
RESET
Vcc
WATCHDOG PORT
MICROPROCESSOR
C2
0.1
mF
2.7k
10
mF
9V
Switch
Figure 8. Applications diagram for CS8140. The CS8140 provides a 5V tightly regulated supply and control function to the microprocessor. In this
application, the microprocessor controls its own power down sequence (see text).
*C1 is required if regulator is located far from the power source filter.
**C2 required for stability
***R ² 80k½
Figure 7. Application Diagram


Numéro de pièce similaire - CS8140YN14

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YT5 CHERRY-CS8147YT5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
logo
ON Semiconductor
CS8147YT5 ONSEMI-CS8147YT5 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
logo
Cherry Semiconductor Co...
CS8147YTHA5 CHERRY-CS8147YTHA5 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
More results

Description similaire - CS8140YN14

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com