Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8120 Fiches technique(PDF) 5 Page - Cherry Semiconductor Corporation

No de pièce CS8120
Description  5V, 300mA Linear Regulator with and ENABLE RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8120 Fiches technique(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8120 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
If the input voltage rises above 26V (e.g. load dump), the
output shuts down. This response protects the internal cir-
cuitry and enables the IC to survive unexpected voltage
transients.
Using an emitter sense scheme, the amount of current
through the NPN pass transistor is monitored. Feedback
circuitry insures that the output current never exceeds a
preset limit.
Should the junction temperature of the power device
exceed 180ûC (typ) the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle heat
source in the IC.
The CS8120 contains two microprocessor compatible con-
trol functions:
and
(Figure 3).
Function
switches the output transistor. When the voltage
on the
lead exceeds 2.9V typ, the output pass
transistor turns off, leaving a high impedance facing the
load. The IC will remain in Sleep mode, drawing only
250µA, until the voltage on the lead drops below 2.1V typ.
Hysteresis (800mV) is built into the
function to
Figure 3: Circuit Waveforms for CS8120
provide good noise immunity.
Function
A
signal (low voltage) is generated as the IC pow-
ers up (VOUT > VOUT - 100mV) or when VOUT drops out of
regulation (VOUT < VOUT - 140mV, typ). 40mV of hysteresis
is included in the function to minimize oscillations.
The
output is an open collector NPN transistor,
controlled by a low voltage detection circuit. The circuit is
functionally independent of the rest of the IC, thereby
Figure 4: RC Network for
Delay circuitry
guaranteeing that the
signal is valid for VOUT as low
as 1V.
An external RC network on the
lead (Figure 4) pro-
vides a sufficiently long delay for most microprocessor
based applications. RC values can be chosen using the fol-
lowing formula:
RTOT ´ CRST
where:
RTOT = RRST in parallel with RIN,
RIN = µP port impedance,
CRST =
delay capacitor,
tDelay = desired delay time,
VRST = VSAT of
lead
(0.7V @ turn - on), and
VT
= µP logic threshold voltage.
RESET
RESET
]
[
RESET
RESET
RESET
CRST
RRST
C2
22
mF
5V to
mP
and
System
Power
to
mP
RESET
Port
RESET
CS–8120
VOUT
RESET
RESET
RESET
(1) = NO RESET DELAY CAPACITOR
(2) = WITH RESET DELAY CAPACITOR
FOR 7V < VIN < 26V
VOUT
VRT(ON)
ENABLE
VRT(OFF)
(1)
(2)
VIN
VIN(HI)
H
HI
LO
VR PEAK
VR SAT
VR PEAK
RESET
ENABLE
ENABLE
ENABLE
ENABLE
RESET
ENABLE
Regulator Control Functions
5
ÐtDelay
ln
)
VT Ð VOUT
VRST Ð VOUT
(
Applications Notes
The circuit depicted in Figure 5 lets the microprocessor
control its power source, the CS8120 regulator. An I/O
port on the µP and the SWITCH port are used to drive the
base of Q1. When Q1 is driven into saturation, the voltage
on the
lead falls below its lower threshold. The
regulatorÕs output is switched out. When the drive cur-
rent is removed, the voltage on the
lead rises,
the output is switched off and the IC moves into Sleep
mode where it draws 250µA.
By coupling these two controls with
, the system
has added flexibility. Once the system is running, the
state of the SWITCH is irrelevant as long as the I/O port
continues to drive Q1. The µP can turn off its own power
by withdrawing drive current, once the SWITCH is open.
This software control at the I/O port allows the µP to fin-
ish key housekeeping functions before power is removed.
The logic options are summarized in Table 1 below
ENABLE
ENABLE
ENABLE
Circuit Description: continued
Table 1: Logic Control of CS8120 Output
µP I/O drive
SWITCH
Output
ON
Closed
LOW
ON
Open
LOW
ON
OFF
Closed
LOW
ON
Open
HIGH
OFF
ENABLE


Numéro de pièce similaire - CS8120

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YD14 ONSEMI-CS8120YD14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDP5 ONSEMI-CS8120YDP5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDPR5 ONSEMI-CS8120YDPR5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDR14 ONSEMI-CS8120YDR14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results

Description similaire - CS8120

FabricantNo de pièceFiches techniqueDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com