Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB5240N3 Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce BTB5240N3
Description  Low VCE(sat) PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB5240N3 Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  BTB5240N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB5240N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C195N3
Issued Date : 2013.05.10
Revised Date :
Page No. : 4/8
BTB5240N3
CYStek Product Specification
Typical Characteristics(Cont.)
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCE=-5V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=20IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=50IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=100IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
-IC, Collector CurrentmA)
VBESAT@IC=10IB
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
-IC, Collector Current(mA)
VBEON@VCE=-2V
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C


Numéro de pièce similaire - BTB5240N3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB5213L3 CYSTEKEC-BTB5213L3 Datasheet
263Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results

Description similaire - BTB5240N3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTA1300A3 CYSTEKEC-BTA1300A3 Datasheet
156Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424LN3 CYSTEKEC-BTB1424LN3 Datasheet
162Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3 Datasheet
253Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1426A3 CYSTEKEC-BTB1426A3 Datasheet
154Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTP2907SL3 CYSTEKEC-BTP2907SL3 Datasheet
264Kb / 7P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com