Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5201-1GDP3 Fiches technique(PDF) 1 Page - Cherry Semiconductor Corporation

No de pièce CS5201-1GDP3
Description  1A Adjustable Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5201-1GDP3 Fiches technique(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5201-1GDP3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5201-1GDP3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
5V
CS5201-1
VIN
Adj
200
W
1%
10
mF
5V
0.1
mF
5V Tant
3.3V @ 1A
22
mF
5V
124
W
1%
VOUT
s
Output Current to 1A
s
Output Accuracy to ±1%
over Temperature
s
Dropout Voltage (typical)
1.0V @ 1A
s
Fast Transient Response
s
Fault Protection
Current Limit
Thermal Shutdown
Package Options
3L TO-220
Tab (VOUT)
1A Adjustable Linear Regulator
1
CS5201-1
Application Diagram
CS5201 -1
1
Adj
2VOUT(Tab)
3VIN
Description
3L D2PAK
Tab (VOUT)
1
Consult factory for fixed output
voltage versions.
The CS5201-1 linear regulator
provides 1A with an output
voltage accuracy of ±1%. The
device uses two external resis-
tors to set the output voltage
within a 1.25V to 5.5V range.
This regulator is intended for
use as a post regulator and
microprocessor supply. The fast
loop response and low dropout
voltage make this regulator
ideal for applications where low
voltage operation and good
transient response are impor-
tant.
The circuit is designed to oper-
ate with dropout voltages less
than 1.2V at 1A output current.
Device protection includes over-
current and thermal shutdown.
The CS5201 is pin compatible
with the LT1086 family of linear
regulators.
The regulator is available in
TO-220, surface mount D2, and
SOT-223 packages.
A
Company
¨
1
3L SOT-223
Tab (VOUT)
Rev. 2/16/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Numéro de pièce similaire - CS5201-1GDP3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5201-1GDP3 ONSEMI-CS5201-1GDP3 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results

Description similaire - CS5201-1GDP3

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
   BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com