Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1664L3 Fiches technique(PDF) 6 Page - Cystech Electonics Corp.

No de pièce BTA1664L3
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1664L3 Fiches technique(HTML) 6 Page - Cystech Electonics Corp.

  BTA1664L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1664L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C315L3
Issued Date : 2008.03.14
Revised Date :2011.09.06
Page No. : 6/6
BTA1664L3
CYStek Product Specification
SOT-223 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Device Name
Date Code
Style: Pin 1.Base 2.Collector 3.Emitter
Marking:
A1664
□□
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
D
0.0236
0.0315
0.60
0.80
a1
*13o
-
*13o
-
E
*0.0906
-
*2.30
-
a2
0 o
10 o
0 o
10 o
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Numéro de pièce similaire - BTA1664L3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA1664M3 CYSTEKEC-BTA1664M3 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1664M3 CYSTEKEC-BTA1664M3 Datasheet
237Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1664M3 CYSTEKEC-BTA1664M3_07 Datasheet
237Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Description similaire - BTA1664L3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com