Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4913A Fiches technique(PDF) 4 Page - Digitron Semiconductors

No de pièce 1N4913A
Description  12.8V TEMPERATURE COMPENSATED ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGITRON [Digitron Semiconductors]
Site Internet  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4913A Fiches technique(HTML) 4 Page - Digitron Semiconductors

  1N4913A Datasheet HTML 1Page - Digitron Semiconductors 1N4913A Datasheet HTML 2Page - Digitron Semiconductors 1N4913A Datasheet HTML 3Page - Digitron Semiconductors 1N4913A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4896(A)-1N4915(A)
12.8V TEMPERATURE COMPENSATED ZENER DIODE
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


Numéro de pièce similaire - 1N4913A

FabricantNo de pièceFiches techniqueDescription
logo
Compensated Deuices Inc...
1N4913A CDI-DIODE-1N4913A Datasheet
65Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4913A MICROSEMI-1N4913A Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4913A NJSEMI-1N4913A Datasheet
34Kb / 1P
   Diode
1N4913A NJSEMI-1N4913A Datasheet
84Kb / 1P
   12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
More results

Description similaire - 1N4913A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Digitron Semiconductors
1N4765 DIGITRON-1N4765 Datasheet
174Kb / 3P
   9.1V TEMPERATURE COMPENSATED ZENER DIODE
1N821 DIGITRON-1N821 Datasheet
124Kb / 2P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
logo
Central Semiconductor C...
CMKTC825A CENTRAL-CMKTC825A_15 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMKTC825A CENTRAL-CMKTC825A_10 Datasheet
528Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
CMXTC935A CENTRAL-CMXTC935A_15 Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
   temperature compensated zener diodes
logo
Compensated Deuices Inc...
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N821UR-1 MICROSEMI-1N821UR-1 Datasheet
356Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com