Moteur de recherche de fiches techniques de composants électroniques |
|
3-1376393-4 Fiches technique(PDF) 11 Page - Tyco Electronics |
|
3-1376393-4 Fiches technique(HTML) 11 Page - Tyco Electronics |
11 / 98 page 145 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 .093 [2.36] Commercial Pin and Socket Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Contacts Pin Diameter .093 [2.36] Material .010 [0.25] Stock Thickness Pin and socket contacts can be used in either plug or receptacle housings. Related Product Data Product Specification — 108-1038 Application Specification 114-49000 Performance Characteristics— pages 143-144 Housings .198 [5.03] Centerline—pages 146-147 .250 [6.35] Centerline—pages 148-149 Panel Cutouts .198 [5.03] Centerline Housings— page 147 .250 [6.35] Centerline Housings— page 148 Technical Documents—pages 143 and 205-206 Application Tooling—pages 207-210 Pin Socket Pin Part No. 770385-1 Socket Part No. 770383-1 Contact Insertion Tool (For Pins and Sockets) Part No. 91002-1 IS 408-7347 Contact Part Numbers HDM Wire Size Ins. Dia. Material Pin Socket Applicator Hand Tool AWG mm2 & Finish Part Part No. Strip Form Loose Piece Strip Form Loose Piece No. Brass, Pre-tin 350418-1 770147-1 350417-1 770146-1 466656-15 24–18 0.2–0.9 .110 Brass, 2.79 Gold2 —— 350417-32 770146-32 466656-25 90872-1 Brass Select Gold1 350418-51 770147-51 350417-51 770146-51 466656-35 Brass, Pre-tin 350416-1 770145-1 350415-1 770144-1 466878-15 .140 Brass, 3.56 Select Gold1 350416-51 770145-51 350415-51 770144-51 466878-25 90871-1 20–14 0.6–2 Phos. Brz., Pre-tin —— 350415-6 770144-6 466878-35 .180 Brass, 567337-36 770530-14 — 770529-14 — 567337-46 — 4.57 Pre-tin 567337-66 18–14 0.8–2 .180 Brass, 567273-27 or or 4.57 Pre-tin 770385-13 —— — 22 (per Phos. Brz., 567273-37 — (18) (0.8–0.9) wire) Pre-tin —— 770383-13 — 567273-47 1 Select Gold— .000030 [.000762] min gold in mating area over .000050 [.00127] min nickel. 2 Gold— .000030 [.000762] min gold in mating area, overall gold flash over .000050 [.00127] min nickel. 3 These contacts have a .0125 [.318] stock thickness and accept two wires, each with maximum .180 [4.57] insulation diameters. They can be used only with the following housing part numbers: 770364-1, 770365-1, 770450-1, 770451-1, 770452-1, and 770453-1 (see page 143). 4 Contact length is .875 [22. 23] 5 HDM Applicator part number ending in -1 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K Machine, -3 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. 6 HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -4 is used on AMP-O-LECTRIC Model K Machine, -6 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. 7 HDM Applicator part number ending in -3 is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K Machine, -4 is used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information. Note: Phosphor bronze contacts should be used in high-temperature/humidity cycling applications. Note: All part numbers are RoHS Compliant. .780 [19.81] .973 [24.71] .780 [19.81] .973 [24.71] Contact Extraction Tool Part No. 318837-1 IS 408-4375 |
Numéro de pièce similaire - 3-1376393-4 |
|
Description similaire - 3-1376393-4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |