Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1604254-1 Fiches technique(PDF) 35 Page - Tyco Electronics

No de pièce 1604254-1
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1604254-1 Fiches technique(HTML) 35 Page - Tyco Electronics

Back Button 1604254-1 Datasheet HTML 31Page - Tyco Electronics 1604254-1 Datasheet HTML 32Page - Tyco Electronics 1604254-1 Datasheet HTML 33Page - Tyco Electronics 1604254-1 Datasheet HTML 34Page - Tyco Electronics 1604254-1 Datasheet HTML 35Page - Tyco Electronics 1604254-1 Datasheet HTML 36Page - Tyco Electronics 1604254-1 Datasheet HTML 37Page - Tyco Electronics 1604254-1 Datasheet HTML 38Page - Tyco Electronics 1604254-1 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
169
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors
AMP
Soft Shell
Pin and Socket Connectors
Performance Characteristics
The Universal MATE-N-LOK Connector
performance characteristics found on
pages 169-170 are based on free-hanging
and panel mount connectors, loaded
with contacts crimped on stranded wire.
Dielectric Withstanding Voltage—
5.0 KVAC or 5.0 KVDC between
adjacent circuits
Insulation Resistance—
1000 megohms minimum initial between
adjacent circuits
Voltage Rating—600 V AC or DC
Contact Insertion Force—
5.0 lb. max. per contact
Contact Retention—15 lb. min.
per contact
Durability—50 cycles, mating and
unmating
Product Facts
I
Pins and sockets can be
intermixed in the same
housing
I
Positive polarization
I
Rear cavity identification
I
Contacts completely
enclosed in housings
I
Positive locking housings
I
Insulation capability to .200
[5.08] diameter
I
Removable, crimp snap-in
contacts
I
Low contact mating force
I
Contacts accept 30-10 AWG
[.05-5.0 mm2] wire sizes
I
Contacts available with pre-
tin or gold plating
I
Dual locking lances provide
optimum contact stability
I
Panel mount or free-hanging
I
Mate with Universal
MATE-N-LOK II Housings
I
Available in UL 94V-O flame
retardant material. Meets
the material requirements of
table 25.1 of U.L. Standard
1410 (television receivers
and video products)
I
Not for interrupting current
I
Harness to PC Board capa-
bility using pin or socket
headers
I
Pin and socket headers are
available in both vertical and
right-angle style
I
Solderability — headers meet
MIL-STD 202 Method 208
I
Contacts are on .250 [6.35]
centerline spacing
I
Recognized under the
Component
Program of
Underwriters Laboratories
Inc., File No. E28476
I
Certified by Canadian
Standards Association,
File No. LR 7189
I
Passed test by VDE under
their Registration Number
3980/Continuous
Surveillance
R
R
Technical Documents
Product Specifications
108-1031 Universal MATE-N-LOK
Connectors
108-1053 Universal MATE-N-LOK
PC Board Headers
Application Specification
114-1010 Universal MATE-N-LOK
Contacts
Instruction Sheet
408-7714 Plug, Cap, Headers, Pin,
Socket and Accessories


Numéro de pièce similaire - 1604254-1

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1604255 PHOENIX-1604255 Datasheet
54Kb / 2P
   Pipe spanner - RC-Z2099
1604256 PHOENIX-1604256 Datasheet
71Kb / 4P
   Housing - HC-B 6-TMB-100/O1STM25S-EUA
More results

Description similaire - 1604254-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com