Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3027 Fiches technique(PDF) 2 Page - Digitron Semiconductors

No de pièce 2N3027
Description  0.5 AMP SILICON CONTROLLED RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGITRON [Digitron Semiconductors]
Site Internet  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N3027 Fiches technique(HTML) 2 Page - Digitron Semiconductors

  2N3027 Datasheet HTML 1Page - Digitron Semiconductors 2N3027 Datasheet HTML 2Page - Digitron Semiconductors 2N3027 Datasheet HTML 3Page - Digitron Semiconductors 2N3027 Datasheet HTML 4Page - Digitron Semiconductors 2N3027 Datasheet HTML 5Page - Digitron Semiconductors 2N3027 Datasheet HTML 6Page - Digitron Semiconductors 2N3027 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N3027-2N3032
0.5 AMP SILICON CONTROLLED RECTIFIER
ELECTRICAL CHARACTERISTIC (@ 25°C unless otherwise noted) (2N3030-2N3032)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
25°C tests
Off state current
IDRM
-
0.002
0.100
µA
RGK = 1KΩ, VDRM = rating
Reverse current
IRRM
-
0.002
0.100
µA
RGK = 1KΩ, VRRM = rating
Reverse gate voltage
VGR
5
8
-
V
IGR = 0.1mA
Gate trigger current
IGT
-5
20
µA
RGS = 10KΩ, VD = 5V
Gate trigger voltage
VGT
0.440
0.600
V
RGS = 100Ω, VD = 5V
On-state voltage
VT
0.800
1.200
1.500
V
IT = 1A (pulse test)
Holding current
IH
0.300
1.000
4.000
mA
RGK = 1KΩ, VD = 5V
Off-state voltage – critical rate of rise
dv/dt
30
15
10
60
30
25
-
-
-
V/µs
RGK = 1KΩ, VD = 30V (2N3030)
RGK = 1KΩ, VD = 60V (2N3031)
RGK = 1KΩ, VD = 100V (2N3032)
Gate trigger-on pulse width
tpg(on)
-
0.050
0.100
µs
IG = 10mA, IT = 1A, VD = 30V
Delay time
td
-
0.100
-
µs
IG = 10mA, IT = 1A, VD = 30V
Rise time
tr
-
0.050
-
µs
IG = 10mA, IT = 1A, VD = 30V
Circuit commutated turn-off time
tg
-
0.700
2.000
µs
IT = 1A, IR = 1A, RGK = 1K
150°C Tests
High temperature off-state current
IDRM
-
2
20
µA
RGK = 1KΩ, VDRM = rating
High temperature reverse current
IRRM
-
20
50
µA
RGK = 1KΩ, VRRM = rating
High temperature gate trigger voltage
VGT
0.100
0.150
0.400
V
RGS = 100Ω, VD = 5V
High temperature holding current
IH
0.050
0.300
2.000
mA
RGK = 1K, VD = 5V
-65°C Tests
Low temperature gate trigger voltage
VGT
0.440
0.800
0.950
V
RGS = 100Ω, VD = 5V
Low temperature gate trigger current
IGT
0
0.400
0.500
mA
RGS = 10KΩ, VD = 5V
Low temperature holding current
IH
0.500
5.000
8
mA
RGK = 1KΩ, VD = 5V
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Numéro de pièce similaire - 2N3027

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
2N3027 MICROSEMI-2N3027 Datasheet
301Kb / 6P
   SCRs 0.5 Amp, Planear
logo
List of Unclassifed Man...
2N3027 ETC2-2N3027 Datasheet
248Kb / 6P
   SCRs 0.5 Amp, Planar
logo
New Jersey Semi-Conduct...
2N3027 NJSEMI-2N3027 Datasheet
195Kb / 1P
   SILICON PNPN PASSIVATED PLANAR CONTROLLED SWITCH
2N3027 NJSEMI-2N3027 Datasheet
72Kb / 1P
   SILICON PNPN PASSIVATED PLANAR
More results

Description similaire - 2N3027

FabricantNo de pièceFiches techniqueDescription
logo
Solid States Devices, I...
SCR010B SSDI-SCR010B Datasheet
142Kb / 2P
   0.5 AMP, 30 - 100 Volt SILICON CONTROLLED RECTIFIER
logo
Microsemi Corporation
05012GOF-050 MICROSEMI-05012GOF-050 Datasheet
545Kb / 6P
   50 Amp Silicon Controlled Rectifier
Rev. 2
logo
Digitron Semiconductors
MCR70 DIGITRON-MCR70 Datasheet
575Kb / 4P
   35 AMP SILICON CONTROLLED RECTIFIER
2N1875 DIGITRON-2N1875 Datasheet
170Kb / 2P
   1.25 AMP SILICON CONTROLLED RECTIFIER
MCR71 DIGITRON-MCR71 Datasheet
574Kb / 4P
   55 AMP SILICON CONTROLLED RECTIFIER
logo
NTE Electronics
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 470 Amp
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
   Silicon Controlled Rectifier (SCR) 125 Amp
NTE5417 NTE-NTE5417 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5480 NTE-NTE5480 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 8 Amp
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com