Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2W005 Datasheet(Fiches technique) 1 Page - Shanghai Lunsure Electronic Tech

Numéro de pièce 2W005
Description  SINGLE PHASE GLASS BRIDGE RECTIFIER
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CHENYI [Shanghai Lunsure Electronic Tech]
Site Internet  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

2W005 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  2W005 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 2W005 Datenblatt HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
2W005 THRU 2W10
CHENYI ELECTRONICS
SINGLE PHASE GLASS
BRIDGE RECTIFIER
Voltage: 50 TO 1000V CURRENT:2.0A
FEATURES
Ideal for printed circuit board
Surge overload rating: 60A peak
High case dielectric strength
MECHANICAL DATA
. Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
. Case: UL-94 Class V-0 recognized Flame Retardant Epoxy
. Polarity: Polarity symbol marked on body
. Mounting position: any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
2W005
2W01
2W02
2W04
2W06
2W08
2W10
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
v
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
v
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
v
Maximum Average Forward Rectified
current at Ta=25
If(av)
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
A
Maximum Instantaneous Forward Voltage at
forward current 2.0A DC
Vf
V
Maximum DC Reverse Voltage Ta=25
A
at rated DC blocking voltage Ta=100
Ir
m A
Operating Temperature Range
Tj
Storage and operation Junction Temperature
Tstg
1.0
-55 to +125
-55 to +150
2.0
60
1.0
10.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
2KBP005MIN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE 1 2 Transys Electronics
DF005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
KBU6ASINGLE PHASE GLASS BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
DF005SSINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
RB151SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
GBL005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
W005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
GBP005SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
W005GSINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER 1 2 Shanghai Lunsure Electronic Tech
D10SB10SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER 1 Shanghai Sunrise Electronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn