Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1951-5 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce U1951-5
Description  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

U1951-5 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  U1951-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
D
D2
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS HARDWARE
HEX NUT A112 Nickel plated brass
1/4-40
PANEL DRESS NUT A274
Nickel plated brass 1/4-40
HEX NUT A465
Nickel plated brass 15/32-32
HEX NUT Brass 1/4-40
Nickel plated U76 Matte black U94
HEX NUT Brass 15/32-32
Nickel plated U162 Matte black U41
Chrome plated U92
HEX NUT Brass 12mm (.472")
Nickel plated U166 Matte black U183
Chrome plated U212
6.35 DIA-40UNS
1.60
8.00
(.062)
(1/4-40UNS)
(.314)
(.551)
(.090)
14.00
2.30
11.90 DIA-32UNS
(15/32-32UNS)
HEX NUT U842 10mm (.393")
Nickel plated brass
(.472)
(.090)
12.00
12.00
2.30
2.30
10.00 DIA x 0.75 SI
10.00 DIA x 0.75 SI
(.393 DIA X 0.75 SI)
(.393 DIA X 0.75 SI)
HEX CAP NUT Brass 12mm (.472")
Chrome plated U35
PAL NUT U42 12mm (.472")
Zinc plated steel
HEX NUT U1950-5 19mm (.748")
Nickel plated brass
(.748 DIAx1.00 IS)
(.748 DIAx1.00 IS)
19.00 DIAx1.00 SI
19.00 DIAx1.00 SI
(.118)
(.118)
3.00
3.00
(.866)
(.866)
22.00
22.00
HEX NUT 10-855-5 19mm (.748")
Nickel plated brass
22.00
22.00
(.866)
(.866)
(.748 DIAx1.00 IS)
(.748 DIAx1.00 IS)
19.00 DIAx1.00 SI
19.00 DIAx1.00 SI
4.00
4.00
(.157)
(.157)
1.30-45
1.30-45
(.051-45 )
(.051-45 )
HEX NUT U1951-5 22mm (.866")
Nickel plated brass
(.866 DIAx1.00 IS)
(.866 DIAx1.00 IS)
22.00 DIAx1.00 SI
22.00 DIAx1.00 SI
3.00
3.00
(.118)
(.118)
(.984)
(.984)
25.00
25.00
PANEL DRESS NUT A540
Nickel plated brass 15/32-32
PANEL DRESS NUT A168P1
Blind thread, Nickel plated brass
1/4-40
PANEL DRESS NUT A168P2
Thru thread, Nickel plated brass
1/4-40
HEX NUT 10-856-5 22mm (.866")
Nickel plated brass
22.00 DIAx1.00 SI
22.00 DIAx1.00 SI
(.866 DIAx1.00 IS)
(.866 DIAx1.00 IS)
(.157)
(.157)
4.00
4.00
25.00
25.00
(.984)
(.984)
(.051-45 )
(.051-45 )
1.30-45
1.30-45
(.354)
(.354)
(.078)
(.078)
9.00
9.00
2.00
2.00
6.00 DIA
6.00 DIA x 0.75 SI
x 0.75 SI
(.236 DIA
(.236 DIA x 0.75SI)
x 0.75SI)
HEX NUT Brass
Nickel plated U208 Matte black U726
(.086)
2.00
6.00 DIA x 0.75 SI
(.236 DIA x 0.75SI)
HEX NUT Brass
Chrome plated U1916
19.00
19.00
(.748)
(.748)
(.629 DIAx1.00 IS)
(.629 DIAx1.00 IS)
16.00 DIAx1.00 SI
16.00 DIAx1.00 SI
3.00
3.00
(.118)
(.118)
1.20-45
1.20-45
(.047-45 )
(.047-45 )
HEX NUT 10-621 16mm (.629")
Nickel plated brass
24.00 DIAx1.00 SI
24.00 DIAx1.00 SI
(.944 DIAx1.00 IS)
(.944 DIAx1.00 IS)
(.157)
(.157)
4.00
4.00
27.00
27.00
(1.062)
(1.062)
(.051-45 )
(.051-45 )
1.30-45
1.30-45
HEX NUT U2059-5 24mm (.944")
Nickel plated brass
(.09)
(.09)
(.551)
(.551)
2.30
2.30
14.00
14.00
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.629)
(.629)
(.137)
(.137)
16.00
16.00
3.50
3.50
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)
16.00
16.00
(.629)
(.629)
(.086)
(.086)
2.20
2.20
12.00DIA X 0.75SI
12.00DIA X 0.75SI
(.472DIA X 0.75SI)
(.472DIA X 0.75SI)


Numéro de pièce similaire - U1951-5

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
U1951-5 ETC2-U1951-5 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Description similaire - U1951-5

FabricantNo de pièceFiches techniqueDescription
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com