Moteur de recherche de fiches techniques de composants électroniques |
|
U162 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
U162 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 17 page D D2 APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com MISCELLANEOUS HARDWARE HEX NUT A112 Nickel plated brass 1/4-40 PANEL DRESS NUT A274 Nickel plated brass 1/4-40 HEX NUT A465 Nickel plated brass 15/32-32 HEX NUT Brass 1/4-40 Nickel plated U76 Matte black U94 HEX NUT Brass 15/32-32 Nickel plated U162 Matte black U41 Chrome plated U92 HEX NUT Brass 12mm (.472") Nickel plated U166 Matte black U183 Chrome plated U212 6.35 DIA-40UNS 1.60 8.00 (.062) (1/4-40UNS) (.314) (.551) (.090) 14.00 2.30 11.90 DIA-32UNS (15/32-32UNS) HEX NUT U842 10mm (.393") Nickel plated brass (.472) (.090) 12.00 12.00 2.30 2.30 10.00 DIA x 0.75 SI 10.00 DIA x 0.75 SI (.393 DIA X 0.75 SI) (.393 DIA X 0.75 SI) HEX CAP NUT Brass 12mm (.472") Chrome plated U35 PAL NUT U42 12mm (.472") Zinc plated steel HEX NUT U1950-5 19mm (.748") Nickel plated brass (.748 DIAx1.00 IS) (.748 DIAx1.00 IS) 19.00 DIAx1.00 SI 19.00 DIAx1.00 SI (.118) (.118) 3.00 3.00 (.866) (.866) 22.00 22.00 HEX NUT 10-855-5 19mm (.748") Nickel plated brass 22.00 22.00 (.866) (.866) (.748 DIAx1.00 IS) (.748 DIAx1.00 IS) 19.00 DIAx1.00 SI 19.00 DIAx1.00 SI 4.00 4.00 (.157) (.157) 1.30-45 1.30-45 (.051-45 ) (.051-45 ) HEX NUT U1951-5 22mm (.866") Nickel plated brass (.866 DIAx1.00 IS) (.866 DIAx1.00 IS) 22.00 DIAx1.00 SI 22.00 DIAx1.00 SI 3.00 3.00 (.118) (.118) (.984) (.984) 25.00 25.00 PANEL DRESS NUT A540 Nickel plated brass 15/32-32 PANEL DRESS NUT A168P1 Blind thread, Nickel plated brass 1/4-40 PANEL DRESS NUT A168P2 Thru thread, Nickel plated brass 1/4-40 HEX NUT 10-856-5 22mm (.866") Nickel plated brass 22.00 DIAx1.00 SI 22.00 DIAx1.00 SI (.866 DIAx1.00 IS) (.866 DIAx1.00 IS) (.157) (.157) 4.00 4.00 25.00 25.00 (.984) (.984) (.051-45 ) (.051-45 ) 1.30-45 1.30-45 (.354) (.354) (.078) (.078) 9.00 9.00 2.00 2.00 6.00 DIA 6.00 DIA x 0.75 SI x 0.75 SI (.236 DIA (.236 DIA x 0.75SI) x 0.75SI) HEX NUT Brass Nickel plated U208 Matte black U726 (.086) 2.00 6.00 DIA x 0.75 SI (.236 DIA x 0.75SI) HEX NUT Brass Chrome plated U1916 19.00 19.00 (.748) (.748) (.629 DIAx1.00 IS) (.629 DIAx1.00 IS) 16.00 DIAx1.00 SI 16.00 DIAx1.00 SI 3.00 3.00 (.118) (.118) 1.20-45 1.20-45 (.047-45 ) (.047-45 ) HEX NUT 10-621 16mm (.629") Nickel plated brass 24.00 DIAx1.00 SI 24.00 DIAx1.00 SI (.944 DIAx1.00 IS) (.944 DIAx1.00 IS) (.157) (.157) 4.00 4.00 27.00 27.00 (1.062) (1.062) (.051-45 ) (.051-45 ) 1.30-45 1.30-45 HEX NUT U2059-5 24mm (.944") Nickel plated brass (.09) (.09) (.551) (.551) 2.30 2.30 14.00 14.00 (.472DIA X 0.75SI) (.472DIA X 0.75SI) 12.00DIA X 0.75SI 12.00DIA X 0.75SI (.629) (.629) (.137) (.137) 16.00 16.00 3.50 3.50 12.00DIA X 0.75SI 12.00DIA X 0.75SI (.472DIA X 0.75SI) (.472DIA X 0.75SI) 16.00 16.00 (.629) (.629) (.086) (.086) 2.20 2.20 12.00DIA X 0.75SI 12.00DIA X 0.75SI (.472DIA X 0.75SI) (.472DIA X 0.75SI) |
Numéro de pièce similaire - U162 |
|
Description similaire - U162 |