Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3842AL-D08-T Fiches technique(PDF) 7 Page - Unisonic Technologies

No de pièce UC3842AL-D08-T
Description  CURRENT MODE PWM CONTROL CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3842AL-D08-T Fiches technique(HTML) 7 Page - Unisonic Technologies

  UC3842AL-D08-T Datasheet HTML 1Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 2Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 3Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 4Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 5Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 6Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 7Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 8Page - Unisonic Technologies UC3842AL-D08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UC3842A/3843A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R103-002.G
SHUTDOWN TECHNIQUES
8
3
1kΩ
1
Shutdown
To current
Sense resistor
Shutdown
Shutdown UTC UC3842A can be accomplished by two methods; either raise Pin 3 above 1V or pull Pin 1 below a
voltage two diode drops above ground. Either method caused the output of PWM comparator to be high(refer to
block diagram). The PWM latch is reset dominant so that the output will remain low until the next clock cycle after the
shutdown condition at Pins 1 and/or 3 is removed. In one example, an externally latched shut-down may be
accomplished by adding an SCR which be reset by cycling VCC below the lower UVLO threshold. At this point the
reference turns off allowing the SCR to reset.


Numéro de pièce similaire - UC3842AL-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3842AL-D08-T UTC-UC3842AL-D08-T Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842AL-D08-T UTC-UC3842AL-D08-T Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842AL-D08-T ETL-UC3842AL-D08-T Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842AL-D08-T UTC-UC3842AL-D08-T Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842AL-D08-T UTC-UC3842AL-D08-T Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
More results

Description similaire - UC3842AL-D08-T

FabricantNo de pièceFiches techniqueDescription
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3843A UTC-UC3843A_15 Datasheet
340Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_05 Datasheet
96Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
ON Semiconductor
CS52845 ONSEMI-CS52845 Datasheet
59Kb / 8P
   Current Mode PWM Control
December, 2001 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com