Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC3837 Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce UC3837
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3837 Fiches technique(HTML) 5 Page - Unisonic Technologies

  UC3837 Datasheet HTML 1Page - Unisonic Technologies UC3837 Datasheet HTML 2Page - Unisonic Technologies UC3837 Datasheet HTML 3Page - Unisonic Technologies UC3837 Datasheet HTML 4Page - Unisonic Technologies UC3837 Datasheet HTML 5Page - Unisonic Technologies UC3837 Datasheet HTML 6Page - Unisonic Technologies UC3837 Datasheet HTML 7Page - Unisonic Technologies UC3837 Datasheet HTML 8Page - Unisonic Technologies UC3837 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
UC3837
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R103-069.A
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=16V,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY SECTION
Start Up Current
ISTR
VDD = VDD(ON)-0.1V
5
20
μA
IC Operating current
IOP
VFB=3.5V
3.2
5
mA
VDD Zener Clamp Voltage
VCLAMP
IDD=10mA
23
24.6
26
mA
UNDER-VOLTAGE LOCKOUT SECTION
Start Threshold Voltage
VTHD(ON)
13
14.5
15.5
V
Min. Operating Voltage
VDD(MIN)
7.5
8.5
9.5
V
Hysteresis
VDD(HY)
5.4
V
CONTROL SECTION
VFB Open Loop Voltage Level
VFB-OPEN
5
V
PWM Input Gain
AVCS
∆VFB/∆VCS
3
V/V
Burst-Mode Out FB Voltage
VFB(OUT)
VSENSE =0
1.1
V
Reduce-Frequency end FB Voltage
VFB(END)
VSENSE =0
1.8
V
Burst-Mode Enter FB Voltage
VFB(IN)
VSENSE =0
0.9
V
Switch Frequency
Normal
FSW
VFB=3.5V, hopping Rang
55
65
75
KHz
Power-Saving
Before enter burst mode
20
22
25
KHz
Duty Cycle
DMAX
VFB=3.5V, VSENSE=0
75
%
Frequency Hopping
FJ(SW)
-4
+4
%
Frequency VDD Stability
FDV
VDD=12V~20V
5
%
Frequency Temperature Stability
FDT
T=-20~100°C
1.5
5
%
Feedback Resistor
RFB
11
KΩ
PROTECTION SECTION
VCC Over Voltage Protection Threshold
VOVP
VFB=4.2V
26
V
FB PIN Over Load Protection Threshold
VOLP
4.4
4.7
5.0
V
Over Load Protection Delay-Time
TDelay
55
mS
Soft start time
TSS
4
mS
CURRENT LIMITING SECTION
Peak Current Threshold Voltage
VCS
VFB=3.5V, Duty=0%
0.6
0.65
0.7
V
Lead Edge Blanking Time
TLEB
400
ns
DRIVER OUTPUT SECTION
Output Voltage Low State
VOL
VDD=16V,IO=-20mA
0.8
V
Output Voltage High State
VOH
VDD=16V,IO= 20mA
10
V
Output Voltage Rise Time
tR
CL=1.0nF
100
ns
Output Voltage Fall Time
tF
CL=1.0nF
60
ns
BNO SECTION
Threshold voltage for BNO
VTH_BNO
0.95
1.0
1.05
V


Numéro de pièce similaire - UC3837

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3837L UTC-UC3837L Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837LG-AG6-R UTC-UC3837LG-AG6-R Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837L UTC-UC3837L_16 Datasheet
332Kb / 11P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837 UTC-UC3837_15 Datasheet
354Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Description similaire - UC3837

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UC3863 UTC-UC3863 Datasheet
366Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UB3846 UTC-UB3846 Datasheet
334Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3846 UTC-UC3846 Datasheet
324Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
E-Tech Electronics LTD
UC3856 ETL-UC3856 Datasheet
257Kb / 9P
   LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com