Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0601 Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce HCPL0601
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0601 Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL0601 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0601 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
9
Typical Performance Curves (HCPL0637, HCPL0638 and HCPL0639 only)
Fig. 12 Input Forward Current vs. Forward Voltage
Fig. 13 Input Threshold Current vs. Ambient Temperature
Fig. 14 High Level Output Current vs.
Ambient Temperature
Fig. 15 Low Level Output Current vs.
Ambient Temperature
Fig. 16 Low Level Output Voltage vs.
Ambient Temperature
V
F – FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA = 85°C
TA = 100°C
TA = 25°C
TA = 0°C
TA = -40°C
0.8
0.001
0.01
0.1
1
10
100
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 5.5V
VO = 0.6V
RL = 1kΩ
RL = 350Ω
RL = 4kΩ
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
VO = VCC = 5.5V
VE = 2V (Single Channel Only)
IF = 250 μA
-40
-20
0
20
40
60
80
100
10
15
20
25
30
35
40
V
CC
= 5.5V
VE = 2V (Single Channel Only)
VOL = 0.6V
IF = 5 – 15mA
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
CC
= 5.5V
VE = 2V (Single Channel Only)
IF = 5mA
IO = 6.4mA
IO = 9.6mA
IO = 12.8mA
IO = 16mA
Fig. 17 Pulse Width Distortion vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
V
CC
= 5V
IF = 7.5mA
RL = 1k
Ω
RL = 350
Ω
RL = 4k
Ω
TA – AMBIENT TEMPERATURE (
°C)


Numéro de pièce similaire - HCPL0601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601 FAIRCHILD-HCPL0601 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Description similaire - HCPL0601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com