Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7902BRQZ Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce AD7902BRQZ
Description  Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AD7902BRQZ Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  AD7902BRQZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7902BRQZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AD7902
Data Sheet
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Timing Specifications .................................................................. 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Terminology .................................................................................... 13
Theory of Operation ...................................................................... 14
Circuit Information.................................................................... 14
Converter Operation.................................................................. 14
Typical Connection Diagram ................................................... 15
Analog Inputs ............................................................................. 15
Driver Amplifier Choice ........................................................... 16
Voltage Reference Input ............................................................ 16
Power Supply............................................................................... 17
Digital Interface.......................................................................... 17
CS Mode ...................................................................................... 18
Chain Mode ................................................................................ 22
Applications Information .............................................................. 24
Simultaneous Sampling ............................................................. 24
Functional Saftey Considerations ............................................ 25
Layout............................................................................................... 26
Evaluating Performance of the AD7902.................................. 26
Outline Dimensions....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
2/14—Revision 0: Initial Version


Numéro de pièce similaire - AD7902BRQZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7902BRQZ AD-AD7902BRQZ Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7902BRQZ-RL7 AD-AD7902BRQZ-RL7 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
More results

Description similaire - AD7902BRQZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7902 AD-AD7902_17 Datasheet
681Kb / 29P
   Dual Pseudo Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
AD7903 AD-AD7903 Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7985 AD-AD7985_17 Datasheet
569Kb / 29P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
AD7985 AD-AD7985 Datasheet
585Kb / 28P
   16-Bit, 2.5 MSPS, PulSAR 15.5 mW ADC in LFCSP
REV. 0
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com