Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54-720 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce 54-720
Description  C-Tap Connectors for Copper Conductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

54-720 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  54-720 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-Tap Connectors for Copper Conductor
Compression
Typical Cable Combinations
BRANCH
#12 SOL.
#10 SOL.
#8 SOL.
#6 SOL.
MAIN
OR STR.
OR STR.
OR STR.
OR STR.
#4 STR.
#2 STR.
#1 STR.
1/0 STR.
#10 Sol. or Str.
54705
54710
54715
54715
54720
54730
54735
54740
#8 Sol. or Str.
54710
54715
54715
54720
54720
54730
54735
54740
#6 Sol. or Str.
54715
54715
54720
54720
54725
54730
54735
54740
#4 Str.
54720
54720
54720
54725
54730
54735
54740
54740
#2 Str.
54730
54730
54730
54730
54735
54740
54745
54745
#1 Str.
54735
54735
54735
54735
54740
54745
54745
54750
1/0 Str.
54740
54740
54740
54740
5i740
54745
54750
54750
2/0 Str.
54745
54745
54745
54745
54745
54750
54750
3/0 Str.
54750
54750
54750
54750
54750
54750
Tooling: pp. B76–B92
Die Selector Chart: pp. B93–B95
E
H
L
FIG.
DIMENSIONS (IN.)
COLOR
Cat. No.
NO.
L
H
E
KEY
54705
1
5
16
5
16
7
64
RED
54710
1
9
16
7
16
9
64
BLUE
54715
1
9
16
5
8
11
64
GRAY
54720
21532
11
16
7
32
BROWN
54725
21532
13
16
1
4
GREEN
54730
21532
27
32
9
32
PINK
54735
311116
7
8
21
64
BLACK
54740
311116
31
32
23
64
ORANGE
54745
311116
1116
13
32
PURPLE
54750
311116
1316
15
32
YELLOW
UL approved for direct burial.
For covers see page B48.
Taps can be supplied tin-plated. Add suffix ”TP” to any catalog number (i.e., 54725TP).
“E” represents gap in side
E
H
L
L
E
H
Figure 1
Figure 2
Figure 3
Material: High-Conductivity Wrought Copper
Finish: Plain
Ideal for pigtailing, 2-way splicing or tapping
to an unbroken continuous main
Heavy reinforcing ribs help locate compression
dies and strengthen compressed joint
Positive, all-around compression with low resistance
and high pull-out values.
C-Taps for 600V Applications
B-43
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secb_p42_43
8/9/07
10:44 AM
Page B-43


Numéro de pièce similaire - 54-720

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
54-714 NTE-54-714 Datasheet
597Kb / 2P
   Illuminated Toggle Switches
logo
API Technologies Corp
54-763-008 APITECH-54-763-008 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
54-763-009 APITECH-54-763-009 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
54-785-002 APITECH-54-785-002 Datasheet
339Kb / 4P
   Small size to allow effective use of space
54-786-003 APITECH-54-786-003 Datasheet
339Kb / 4P
   Small size to allow effective use of space
More results

Description similaire - 54-720

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
54148 ETC2-54148 Datasheet
235Kb / 1P
   Connectors for Copper Conductor
logo
PANDUIT CORP.
RGCBNJ660P22 PANDUIT-RGCBNJ660P22 Datasheet
129Kb / 1P
   REVISED PICTURE FOR COPPER H-TAP HTCT2-2-1
01
logo
Hubbell Incorporated.
BIBD43RK HUBBELL-BIBD43RK Datasheet
262Kb / 2P
   Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-4 AWG.
logo
PHOENIX CONTACT
1582400 PHOENIX-1582400 Datasheet
80Kb / 5P
   Conductor connectors - QPD C 4X2,5/2X9-14 GY
1582393 PHOENIX-1582393 Datasheet
80Kb / 5P
   Conductor connectors - QPD C 4X2,5/2X6-10 GY
1414739 PHOENIX-1414739 Datasheet
275Kb / 6P
   Conductor connectors - QPD C 4PE1,5 1X5-10 BK
01/21/2022
1582421 PHOENIX-1582421 Datasheet
88Kb / 6P
   Conductor connectors - QPD C 4X2,5/1X9-14 GY
1582223 PHOENIX-1582223 Datasheet
89Kb / 6P
   Conductor connectors - QPD C 3PE2,5 1X9-14 BK
1582220 PHOENIX-1582220 Datasheet
89Kb / 6P
   Conductor connectors - QPD C 3PE2,5 1X6-10 BK
1403838 PHOENIX-1403838 Datasheet
278Kb / 6P
   Conductor connectors - QPD C 4PE2,5 2X6-11 BK
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com