Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC4053D-Q100 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74HC4053D-Q100
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4053D-Q100 Fiches technique(HTML) 5 Page - NXP Semiconductors

  74HC4053D-Q100 Datasheet HTML 1Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 2Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 3Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 4Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 5Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 6Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 7Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 8Page - NXP Semiconductors 74HC4053D-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
74HC_HCT4053_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 22 November 2012
5 of 30
NXP Semiconductors
74HC4053-Q100; 74HCT4053-Q100
Triple 2-channel analog multiplexer/demultiplexer
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
8.
Limiting values
[1]
To avoid drawing VCC current out of terminal nZ, when switch current flows into terminals nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no VCC current flows out of terminals nYn. In this case, there is
no limit for the voltage drop across the switch, but the voltages at nYn and nZ may not exceed VCC or VEE.
[2]
For SO16 package: above 70
C the value of P
tot derates linearly with 8 mW/K.
For TSSOP16 package: above 60
C the value of P
tot derates linearly with 5.5 mW/K.
For DHVQFN16 package: above 60
C the value of P
tot derates linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
E
6
enable input (active LOW)
VEE
7
supply voltage
GND
8
ground supply voltage
S1, S2, S3
11, 10, 9
select input
1Y0, 2Y0, 3Y0
12, 2, 5
independent input or output
1Y1, 2Y1, 3Y1
13, 1, 3
independent input or output
1Z, 2Z, 3Z
14, 15, 4
common output or input
VCC
16
supply voltage
Table 3.
Function table [1]
Inputs
Channel on
E
Sn
LLnY0 to nZ
L
H
nY1 to nZ
H
X
switches off
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
0.5
+11.0
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
ISK
switch clamping current
VSW < 0.5 V or VSW >VCC +0.5 V
-
20
mA
ISW
switch current
0.5 V < V
SW <VCC +0.5 V
-
25
mA
IEE
supply current
-
20
mA
ICC
supply current
-
50
mA
IGND
ground current
-
50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
[2] -
500
mW
P
power dissipation
per switch
-
100
mW


Numéro de pièce similaire - 74HC4053D-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74HC4053D-Q100 NEXPERIA-74HC4053D-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results

Description similaire - 74HC4053D-Q100

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com