Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBB2J-30 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STBB2J-30
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J-30 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STBB2J-30 Datasheet HTML 6Page - STMicroelectronics STBB2J-30 Datasheet HTML 7Page - STMicroelectronics STBB2J-30 Datasheet HTML 8Page - STMicroelectronics STBB2J-30 Datasheet HTML 9Page - STMicroelectronics STBB2J-30 Datasheet HTML 10Page - STMicroelectronics STBB2J-30 Datasheet HTML 11Page - STMicroelectronics STBB2J-30 Datasheet HTML 12Page - STMicroelectronics STBB2J-30 Datasheet HTML 13Page - STMicroelectronics STBB2J-30 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Typical performance characteristics
STBB2
10/25
DocID022745 Rev 9
6
Typical performance characteristics
Figure 6. Maximum output current vs. input voltage
Table 7. Table of graphs
Maximum output
current
vs. input voltage
Figure 5
Efficiency
vs. output current (power save enabled, VIN = 2.5 V, 3.6 V, 4.5 V/VOUT = 3.4 V)
Figure 6
vs. output current (power save disabled, VOUT = 2.5 V, 3.6 V, 4.5 V/
VOUT = 3.4 V)
Figure 7
vs. output current (power save enabled, VIN = 2.5 V, 3.6 V, 4.5 V/VOUT = 2.9 V)
Figure 8
vs. output current (power save disabled, VOUT = 2.5 V, 3.6 V, 4.5 V/
VOUT = 2.9 V)
Figure 9
vs. input voltage power save enabled, VOUT = 3.4 V, IOUT = (10; 50; 150; 500;
800 mA)
Figure 10
vs. input voltage power save disabled, VOUT = 3.4 V, IOUT = (10; 500; 1000;
2000 mA)
Figure 12
vs. output current (PWM/Auto mode)
Figure 13
Waveforms
Load transient response VIN < VOUT
Figure 14
Load transient response VIN > VOUT
Figure 15
Line transient response (VOUT = 3.3 V, IOUT = 1500 mA)
Figure 16
Startup after enable (VOUT = 3.3 V, VIN = 2.4 V, IOUT = 300 mA)
Figure 17
Startup after enable (VOUT = 3.3 V, VIN = 4.2 V, IOUT = 300 mA)
Figure 18
AM10444v1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2
2.5
3
3.5
4
4.5
5
5.5
VIN [V]
VOUT = 2.9 V
VOUT = 3.4 V


Numéro de pièce similaire - STBB2J-30

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
STBB010 EIC-STBB010 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB011 EIC-STBB011 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB012 EIC-STBB012 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB013 EIC-STBB013 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB015 EIC-STBB015 Datasheet
73Kb / 4P
   SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - STBB2J-30

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
   800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
October 2012 Rev 1
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
   800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
April 2013 Rev 1
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
[Old version datasheet]   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
   600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com