Moteur de recherche de fiches techniques de composants électroniques |
|
SMBG7.0A Fiches technique(PDF) 4 Page - Digitron Semiconductors |
|
SMBG7.0A Fiches technique(HTML) 4 Page - Digitron Semiconductors |
4 / 4 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 SMBJ5.0 – SMBJ170CA SURFACE MOUNT 600W TVS SMBG5.0 – SMBG170CA Peak pulse power vs. pulse time Pulse waveform for exponential surge Derating Curve Typical capacitance vs breakdown Pad Layout Inches mm A 0.260 6.600 B 0.085 2.160 C 0.110 2.790 sales@digitroncorp.com SMBJ SMBG DIMENSIONS IN INCHES A B C D E F K L MIN 0.077 0.160 0.130 0.205 0.075 0.235 0.015 0.030 MAX 0.083 0.180 0.155 0.220 0.095 0.255 0.030 0.060 DIMENSIONS IN MILLIMETERS A B C D E F K L MIN 1.960 4.060 3.300 5.210 1.900 5.970 0.381 0.760 MAX 2.100 4.570 3.940 5.590 2.410 6.480 0.762 1.520 Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. fax +1.908.245-0555 www.digitroncorp.com Rev. 20120706 |
Numéro de pièce similaire - SMBG7.0A |
|
Description similaire - SMBG7.0A |