Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML9059E Fiches technique(PDF) 47 Page - List of Unclassifed Manufacturers

No de pièce ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML9059E Fiches technique(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button ML9059E Datasheet HTML 43Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 44Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 45Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 46Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 47Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 48Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 49Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 50Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
47/72
Power Control Set (Write)
This command set the functions of the power supply circuits.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Voltage multiplier circuit: OFF
Voltage multiplier circuit: ON
0
0
0
0
0
0
1
1
0
0
1
1
0
1
Voltage adjustment circuit: OFF
Voltage adjustment circuit: ON
0
0
0
0
0
0
1
1
0
0
1
1
0
1
Voltage follower circuits: OFF
Voltage follower circuits: ON
0
0
0
0
0
0
1
1
0
0
1
1
0
1
Voltage V1 Adjustment Internal Resistor Ratio Set
This command sets the ratios of the internal resistors for adjusting the voltage V1.
Resistor ratio
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
3.0
0
0
0
1
0
0
0
0
0
3.5
0
0
0
1
0
0
0
0
1
4.0
0
0
0
1
0
0
0
1
0
4.5
0
0
0
1
0
0
0
1
1
5.0
0
0
0
1
0
0
1
0
0
5.5
0
0
0
1
0
0
1
0
1
6.0
0
0
0
1
0
0
1
1
0
Input inhibiting code
0
0
0
1
0
0
1
1
1
Note: Because this LSI has temperature gradient, V1 rises at lower temperatures. When using V1 gain
of 6 times, adjust the built-in electronic potentiometer so that V1 does not exceed 18 V.
Electronic Potentiometer (2-byte command)
This command is used for controlling the LCD drive voltage V1 output by the voltage adjustment circuit of the
internal LCD power supply and for adjusting the intensity of the LCD display.
This is a two-byte command consisting of the Electronic potentiometer mode set command and the Electronic
potentiometer register set command, both of which should always be issued successively as a pair.
 Electronic potentiometer mode set (Write)
When this command is issued, the electronic potentiometer register set command becomes effective.
Once the electronic potentiometer mode is set, it is not possible to issue any command other than the Electronic
potentiometer register set command. This condition is released after data has been set in the register using the
Electronic potentiometer register set command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
1
0
0
0
0
0
0
1


Numéro de pièce similaire - ML9059E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Description similaire - ML9059E

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com