Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ML9059E Datasheet(Fiches technique) 45 Page - List of Unclassifed Manufacturers

Numéro de pièce ML9059E
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Télécharger  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML9059E Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button ML9059E Datenblatt HTML 41Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 42Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 43Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 44Page - List of Unclassifed Manufacturers ML9059E Datasheet HTML 45Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 46Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 47Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 48Page - List of Unclassifed Manufacturers ML9059E Datenblatt HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
FEDL9059E-01
LAPIS Semiconductor
ML9059E
45/72
ADC Select (Segment driver direction select) (Write)
Using this command it is possible to reverse the relationship of correspondence between the column address of the
display data RAM and the segment driver output. It is possible to reverse the sequence of the segment driver
output pin by the command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Forward
0
1
0
1
0
0
0
0
0
Reverse
0
1
0
1
0
0
0
0
1
Forward/Reverse Display Mode (Write)
It is possible to toggle the display on and off condition without changing the contents of the display data RAM. In
this case, the contents of the display data RAM will be retained.
A0
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
RAM Data
Forward
0
1
0
1
0
0
1
1
0
Display on when “H”
Reverse
0
1
0
1
0
0
1
1
1
Display on when “L”
LCD Display All-on ON/OFF (Write)
Using this command, it is possible to forcibly turn ON all the dots in the display irrespective of the contents of the
display data RAM. In this case, the contents of the display data RAM will be retained.
This command is given priority over the Forward/reverse display mode command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
All-on display OFF
(Normal display)
0
1
0
1
0
0
1
0
0
All-on display ON
0
1
0
1
0
0
1
0
1
The power save mode will be entered into when the Display all-on ON command is executed in the display OFF
condition.
LCD Bias Set (Write)
This command is used for selecting the bias ratio of the voltage necessary for driving the LCD device or panel.
LCD bias
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1/8 bias
0
1
0
1
0
0
0
1
0
1/6 bias
0
1
0
1
0
0
0
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn