Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-786J Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-786J
Description  Optically Isolated Sigma-Delta (S-D) Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-786J Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-786J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings, which must
be ensured by protective circuits within the application. Surface Mount Classifications is Class
A in accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog,
under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed descrip-
tion of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Description
Symbol
HCPL-7860
HCPL-786J
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage
d 300 Vrms
for rated mains voltage
d 450 Vrms
for rated mains voltage
d 600 Vrms
for rated mains voltage
d 1000 Vrms
I - IV
I - III
I - III
I - II
I - IV
I - IV
I - IV
I - III
Climatic Classification
40/85/21
40/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
891
1230
Vpeak
Input to Output Test Voltage, Method b [2]
VIORM x 1.875=VPR, 100% Production Test with tm=1 sec,
Partial discharge < 5 pC
VPR
1670
2306
Vpeak
Input to Output Test Voltage, Method a[2]
VIORM x 1.6=VPR, Type and Sample Test, tm=10 sec,
Partial discharge < 5 pC
VPR
1425
1968
Vpeak
Highest Allowable Overvoltage(Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-limiting values - maximum values allowed in the event of a failure.
Case Temperature
Input Current [3]
Output Power [3]
TS
IS, INPUT
PS, OUTPUT
175
400
600
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
>109
:
Insulation and Safety Related Specifications
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
Parameter
Symbol
DIP-8
SO-16
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
7.4
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External Tracking
(Creepage)
L(102)
8.0
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal Plastic
Gap (Internal Clearance)
0.5
0.5
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
0
0
TS - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)


Numéro de pièce similaire - HCPL-786J

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-786J HP-HCPL-786J Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J AVAGO-HCPL-786J Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
logo
Agilent(Hewlett-Packard...
HCPL-786J-300 HP-HCPL-786J-300 Datasheet
560Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results

Description similaire - HCPL-786J

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com