Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC01PA-1.8TE13F Fiches technique(PDF) 4 Page - Catalyst Semiconductor

No de pièce CAT24WC01PA-1.8TE13F
Description  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC01PA-1.8TE13F Fiches technique(HTML) 4 Page - Catalyst Semiconductor

  CAT24WC01PA-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC01PA-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT24WC01/02/04/08/16
4
Doc. No. 25051-00 3/98 S-1
FUNCTIONAL DESCRIPTION
The CAT24WC01/02/04/08/16 supports the I2C Bus
data transmission protocol. This Inter-Integrated Circuit
Bus protocol defines any device that sends data to the
bus to be a transmitter and any device receiving data to
be a receiver. Data transfer is controlled by the Master
device which generates the serial clock and all START
and STOP conditions for bus access. The CAT24WC01/
02/04/08/16 operates as a Slave device. Both the Mas-
ter and Slave devices can operate as either transmitter
or receiver, but the Master device controls which mode
is activated. A maximum of 8 devices (24WC01 and
24WC02), 4 devices (24WC04), 2 devices (24WC08)
and 1 device (24WC16) may be connected to the bus as
determined by the device address inputs A0, A1, and A2.
PIN DESCRIPTIONS
SCL: Serial Clock
The CAT24WC01/02/04/08/16 serial clock input pin is
used to clock all data transfers into or out of the device.
This is an input pin.
SDA: Serial Data/Address
The CAT24WC01/02/04/08/16 bidirectional serial data/
address pin is used to transfer data into and out of the
device. The SDA pin is an open drain output and can be
wire-ORed with other open drain or open collector
outputs.
A0, A1, A2: Device Address Inputs
These inputs set device address when cascading mul-
tiple devices.
When these pins are left floating the
default values are zeros (except for the 24WC01).
A maximum of eight devices can be cascaded when
Figure 2. Write Cycle Timing
Figure 1. Bus Timing
Figure 3. Start/Stop Timing
5020 FHD F05
5020 FHD F04
5020 FHD F03
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


Numéro de pièce similaire - CAT24WC01PA-1.8TE13F

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC01PATE13F CATALYST-CAT24WC01PATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Description similaire - CAT24WC01PA-1.8TE13F

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com