Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM8660AN Fiches technique(PDF) 8 Page - Analog Devices

No de pièce ADM8660AN
Description  CMOS Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM8660AN Fiches technique(HTML) 8 Page - Analog Devices

Back Button ADM8660AN Datasheet HTML 4Page - Analog Devices ADM8660AN Datasheet HTML 5Page - Analog Devices ADM8660AN Datasheet HTML 6Page - Analog Devices ADM8660AN Datasheet HTML 7Page - Analog Devices ADM8660AN Datasheet HTML 8Page - Analog Devices ADM8660AN Datasheet HTML 9Page - Analog Devices ADM8660AN Datasheet HTML 10Page - Analog Devices ADM8660AN Datasheet HTML 11Page - Analog Devices ADM8660AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
–8–
ADM660/ADM8660
Table II. ADM8660 Charge-Pump Frequency Selection
FC
OSC
Charge Pump
C1, C2
GND
Open
25 kHz
10
µF
V+
Open
120 kHz
2.2
µF
GND or V+
Ext Cap
See Typical Characteristics
GND
Ext CLK
Ext CLK Frequency/2
+
+
+1.5V TO +7V
INPUT
C1
C2
INVERTED
NEGATIVE
OUTPUT
ADM660
ADM8660
FC
CAP+
GND
CAP–
V+
OSC
LV
OUT
CLK OSC
CMOS GATE
Figure 7. ADM660/ADM8660 External Oscillator
Voltage Doubling Configuration
Figure 8 shows the ADM660 configured to generate increased
output voltages. As in the inverting mode, only two external
capacitors are required. The doubling function is achieved by
reversing some connections to the device. The input voltage is
applied to the GND pin and V+ is used as the output. Input
voltages from 2.5 V to 7 V are allowable. In this configuration,
pins LV, OUT must be connected to GND.
The unloaded output voltage in this configuration is 2 (VIN).
Output resistance and ripple are similar to the voltage inverting
configuration.
Note that the ADM8660 cannot be used in the voltage
doubling configuration.
+
10 F
DOUBLED
POSITIVE
OUTPUT
ADM660
FC
CAP+
GND
CAP–
V+
OSC
LV
OUT
10 F
+2.5V
TO +7V
INPUT
Figure 8. Voltage Doubler Configuration
Shutdown Input
The ADM8660 contains a shutdown input that can be used to
disable the device and thus reduce the power consumption. A
logic high level on the SD input shuts the device down reducing
the quiescent current to 0.3
µA. During shutdown, the output
voltage goes to 0 V. Therefore, ground referenced loads are not
powered during this state. When exiting shutdown, it takes
several cycles (approximately 500
µs) for the charge pump to
reach its final value. If the shutdown function is not being used,
then SD should be hardwired to GND.
Capacitor Selection
The optimum capacitor value selection depends the charge-pump
frequency. With 25 kHz selected, 10
µF capacitors are recommended,
while with 120 kHz selected, 2.2
µF capacitors may be used.
Other frequencies allow other capacitor values to be used. For
maximum efficiency in all cases, it is recommended that capaci-
tors with low ESR are used for the charge-pump. Low ESR
capacitors give both the lowest output resistance and lowest
ripple voltage. High output resistance degrades the overall power
efficiency and causes voltage drops, especially at high output
Inverting Negative Voltage Generator
Figures 5 and 6 show the ADM660/ADM8660 configured to
generate a negative output voltage. Input supply voltages from
1.5 V up to 7 V are allowable. For supply voltage less than 3 V,
LV must be connected to GND. This bypasses the internal
regulator circuitry and gives best performance in low voltage
applications. With supply voltages greater than 3 V, LV may
be either connected to GND or left open. Leaving it open facili-
tates direct substitution for the ICL7660.
+
+
+1.5V TO +7V
INPUT
C1
10 F
C2
10 F
INVERTED
NEGATIVE
OUTPUT
ADM660
FC
CAP+
GND
CAP–
V+
OSC
LV
OUT
Figure 5. ADM660 Voltage Inverter Configuration
+
+
+1.5V TO +7V
INPUT
C1
10 F
C2
10 F
INVERTED
NEGATIVE
OUTPUT
ADM8660
FC
CAP+
GND
CAP–
V+
LV
OUT
SD
SHUTDOWN
CONTROL
Figure 6. ADM8660 Voltage Inverter Configuration
OSCILLATOR FREQUENCY
The internal charge-pump frequency may be selected to be
either 25 kHz or 120 kHz using the Frequency Control (FC)
input. With FC unconnected (ADM660) or connected to GND
(ADM8660), the internal charge pump runs at 25 kHz while, if
FC is connected to V+, the frequency is increased by a factor of
five. Increasing the frequency allows smaller capacitors to be
used for equivalent performance or, if the capacitor size is un-
changed, it results in lower output impedance and ripple.
If a charge-pump frequency other than the two fixed values is
desired, this is made possible by the OSC input, which can
either have a capacitor connected to it or be overdriven by an
external clock. Refer to the Typical Performance Characteris-
tics, which shows the variation in charge-pump frequency versus
capacitor size. The charge-pump frequency is one-half the oscil-
lator frequency applied to the OSC pin.
If an external clock is used to overdrive the oscillator, its levels
should swing to within 100 mV of V+ and GND. A CMOS
driver is, therefore, suitable. When OSC is overdriven, FC has
no effect but LV must be grounded.
Note that overdriving is permitted only in the voltage inverter
configuration.
Table I. ADM660 Charge-Pump Frequency Selection
FC
OSC
Charge Pump
C1, C2
Open
Open
25 kHz
10
µF
V+
Open
120 kHz
2.2
µF
Open or V+
Ext Cap
See Typical Characteristics
Open
Ext CLK
Ext CLK Frequency/2


Numéro de pièce similaire - ADM8660AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM8660AN AD-ADM8660AN Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM8660AN AD-ADM8660AN Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM8660ANZ AD-ADM8660ANZ Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results

Description similaire - ADM8660AN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660 AD-ADM660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com