Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8027ART-REEL Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8027ART-REEL
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-REEL Fiches technique(HTML) 1 Page - Analog Devices

  AD8027ART-REEL Datasheet HTML 1Page - Analog Devices AD8027ART-REEL Datasheet HTML 2Page - Analog Devices AD8027ART-REEL Datasheet HTML 3Page - Analog Devices AD8027ART-REEL Datasheet HTML 4Page - Analog Devices AD8027ART-REEL Datasheet HTML 5Page - Analog Devices AD8027ART-REEL Datasheet HTML 6Page - Analog Devices AD8027ART-REEL Datasheet HTML 7Page - Analog Devices AD8027ART-REEL Datasheet HTML 8Page - Analog Devices AD8027ART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Distortion, High Speed
Rail-to-Rail Input/Output Amplifiers
AD8027/AD8028
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
190 MHz, –3 dB bandwidth (G = +1)
100 V/μs slew rate
Low distortion
120 dBc @ 1 MHz SFDR
80 dBc @ 5 MHz SFDR
Selectable input crossover threshold
Low noise
4.3 nV/√Hz
1.6 pA/√Hz
Low offset voltage: 900 μV max
Low power: 6.5 mA/amplifier supply current
Power-down mode
No phase reversal: VIN > |VS| + 200 mV
Wide supply range: 2.7 V to 12 V
Small packaging: SOIC-8, SOT-23-6, MSOP-10
APPLICATIONS
Filters
ADC drivers
Level shifting
Buffering
Professional video
Low voltage instrumentation
GENERAL DESCRIPTION
The AD8027/AD80281 are high speed amplifiers with rail-to-
rail input and output that operate on low supply voltages and
are optimized for high performance and wide dynamic signal
range. The AD8027/AD8028 have low noise (4.3 nV/√Hz,
1.6 pA/√Hz) and low distortion (120 dBc at 1 MHz). In appli-
cations that use a fraction of, or the entire input dynamic range
and require low distortion, the AD8027/AD8028 are ideal
choices.
Many rail-to-rail input amplifiers have an input stage that
switches from one differential pair to another as the input signal
crosses a threshold voltage, which causes distortion. The
AD8027/AD8028 have a unique feature that allows the user to
select the input crossover threshold voltage through the
SELECT pin. This feature controls the voltage at which the
complementary transistor input pairs switch. The AD8027/
AD8028 also have intrinsically low crossover distortion.
CONNECTION DIAGRAMS
AD8027
SOT-23-6
(RT)
VOUT 1
–VS 2
+IN
3
5
6
+VS
DISABLE/SELECT
4
–IN
+–
03327-B-001
NC = NO CONNECT
NC
AD8027
SOIC-8
(R)
1
–IN
2
+IN
3
–VS 4
+VS
VOUT
NC
8
7
6
5
DISABLE/SELECT
VOUTB
–IN B
+IN B
8
7
6
5
+VS
VOUTA
AD8028
SOIC-8
(R)
1
–IN A
2
+IN A
3
–VS 4
+
+
VOUTB
10
9
+VS
DISABLE/SELECT B
–IN B
+IN B
8
7
6
DISABLE/SELECT A
VOUTA
AD8028
MSOP-10
(RM)
1
–IN A
2
+IN A
3
–VS 4
5
+
+
Figure 1. Connection Diagrams (Top View)
With their wide supply voltage range (2.7 V to 12 V) and wide
bandwidth (190 MHz), the AD8027/AD8028 amplifiers are
designed to work in a variety of applications where speed and
performance are needed on low supply voltages. The high per-
formance of the AD8027/AD8028 is achieved with a quiescent
current of only 6.5 mA/amplifier typical. The AD8027/AD8028
have a shutdown mode that is controlled via the SELECT pin.
The AD8027/AD8028 are available in SOIC-8, MSOP-10, and
SOT-23-6 packages. They are rated to work over the industrial
temperature range of –40°C to +125°C.
OUTPUT VOLTAGE (V p-p)
0123456789
1
–140
–120
–100
–80
–60
–40
–20
0
G = +1
FREQUENCY = 100kHz
RL = 1kΩ
VS = ±5V
VS = +3V
VS = +5V
03327-A-063
Figure 2. SFDR vs. Output Amplitude
1Protected by U.S. patent numbers 6,486,737B1; 6,518,842B1


Numéro de pièce similaire - AD8027ART-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8027ART-REEL AD-AD8027ART-REEL Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027ART-REEL AD-AD8027ART-REEL Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ART-REEL7 AD-AD8027ART-REEL7 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027ART-REEL7 AD-AD8027ART-REEL7 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results

Description similaire - AD8027ART-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com