Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24WC16LI-1.8TE13F Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT24WC16LI-1.8TE13F
Description  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC16LI-1.8TE13F Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT24WC16LI-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC16LI-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CAT24WC01/02/04/08/16
3
Doc. No. 25051-00 3/98 S-1
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
1.8V, 2.5V
4.5V-5.5V
Min.
Max.
Min.
Max.
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
200
200
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
1
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
Write Cycle Limits
Symbol
Parameter
Min.
Typ.
Max
Units
tWR
Write Cycle Time
10
ms
Power-Up Timing(1)(2)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Numéro de pièce similaire - CAT24WC16LI-1.8TE13F

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24WC16LITE13F CATALYST-CAT24WC16LITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Description similaire - CAT24WC16LI-1.8TE13F

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com