Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD780BR Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD780BR
Description  2.5 V-3.0 V High Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD780BR Fiches technique(HTML) 4 Page - Analog Devices

  AD780BR Datasheet HTML 1Page - Analog Devices AD780BR Datasheet HTML 2Page - Analog Devices AD780BR Datasheet HTML 3Page - Analog Devices AD780BR Datasheet HTML 4Page - Analog Devices AD780BR Datasheet HTML 5Page - Analog Devices AD780BR Datasheet HTML 6Page - Analog Devices AD780BR Datasheet HTML 7Page - Analog Devices AD780BR Datasheet HTML 8Page - Analog Devices AD780BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD780
Data Sheet
Rev. F | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Values
+VIN to Ground
36 V
TRIM Pin to Ground
36 V
TEMP Pin to Ground
36 V
Power Dissipation (25°C)
500 mW
Storage Temperature
−65°C to +150°C
Lead Temperature
(Soldering 10 sec)
300°C
Output Protection
Output safe for indefinite short to
ground and momentary short to VIN.
ESD Classification
Class 1 (1000 V)
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum specifications for extended periods may affect device
reliability.
NC = NO CONNECT
AD780
TOP VIEW
(Not to Scale)
NC
1
+VIN 2
TEMP
3
GND
4
2.5V/3.0V O/PSELECT
(NC OR GND)
NC
VOUT
TRIM
8
7
6
5
Figure 2. Pin Configuration, 8-Lead PDIP and SOIC Packages
GND
TEMP
+VIN
TRIM
2.5V/3.0V
O/P SELECT
VOUT
GND
Figure 3. Die Layout
NOTES
Both VOUT pads should be connected to the output.
Die Thickness: The standard thickness of Analog Devices
bipolar dice is 24 mil ± 2 mil.
Die Dimensions: The dimensions given have a tolerance of
±2 mil.
Backing: The standard backside surface is silicon (not plated).
Analog Devices does not recommend gold-backed dice for most
applications.
Edges: A diamond saw is used to separate wafers into dice, thus
providing perpendicular edges halfway through the die. In
contrast to scribed dice, this technique provides a more uniform
die shape and size. The perpendicular edges facilitate handling
(such as tweezer pickup), while the uniform shape and size
simplify substrate design and die attach.
Top Surface: The standard top surface of the die is covered by a
layer of glassivation. All areas are covered except bonding pads
and scribe lines.
Surface Metallization: The metallization to Analog Devices
bipolar dice is aluminum. Minimum thickness is 10,000 Å.
Bonding Pads: All bonding pads have a minimum size of
4.0 mil by 6.0 mil. The passivation windows have a minimum
size of 3.6 mil by 5.6 mil.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Numéro de pièce similaire - AD780BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD780BR AD-AD780BR Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BR AD-AD780BR Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
logo
List of Unclassifed Man...
AD780BR ETC2-AD780BR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD780BR-REEL AD-AD780BR-REEL Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BR-REEL AD-AD780BR-REEL Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
More results

Description similaire - AD780BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com