Moteur de recherche de fiches techniques de composants électroniques |
|
AD584KNZ Fiches technique(PDF) 3 Page - Analog Devices |
|
AD584KNZ Fiches technique(HTML) 3 Page - Analog Devices |
3 / 12 page Data Sheet AD584 Rev. C | Page 3 of 12 SPECIFICATIONS VIN = 15 V and 25°C, unless otherwise noted. Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All minimum and maximum specifications are guaranteed; although, only those shown in boldface are tested on all production units. Table 1. AD584J AD584K Model Min Typ Max Min Typ Max Unit OUTPUT VOLTAGE TOLERANCE Maximum Error at Pin 1 for Nominal Outputs of 10.000 V ±30 ±10 mV 7.500 V ±20 ±8 mV 5.000 V ±15 ±6 mV 2.500 V ±7.5 ±3.5 mV OUTPUT VOLTAGE CHANGE Maximum Deviation from 25°C Value, TMIN to TMAX1 10.000 V, 7.500 V, and 5.000 V Outputs 30 15 ppm/°C 2.500 V Output 30 15 ppm/°C Differential Temperature Coefficients Between Outputs 5 3 ppm/°C QUIESCENT CURRENT 0.75 1.0 0.75 1.0 mA Temperature Variation 1.5 1.5 µA/°C TURN-ON SETTLING TIME TO 0.1% 200 200 µs NOISE (0.1 Hz TO 10 Hz) 50 50 µV p-p LONG-TERM STABILITY 25 25 ppm/1000 Hrs SHORT-CIRCUIT CURRENT 30 30 mA LINE REGULATION (NO LOAD) 15 V ≤ VIN ≤ 30 V 0.002 0.002 %/V (VOUT + 2.5 V) ≤ VIN ≤ 15 V 0.005 0.005 %/V LOAD REGULATION 0 ≤ IOUT ≤ 5 mA, All Outputs 20 50 20 50 ppm/mA OUTPUT CURRENT VIN ≥ VOUT + 2.5 V Source at 25°C 10 10 mA Source TMIN to TMAX 5 5 mA Sink TMIN to TMAX 5 5 mA TEMPERATURE RANGE Operating 0 70 0 70 °C Storage −65 +175 −65 +175 °C PACKAGE OPTION 8-Pin Metal Header (TO-99, H-08) AD584JH AD584KH 8-Lead Plastic Dual In-Line Package (PDIP, N-8) AD584JN AD584KN 1 Calculated as average over the operating temperature range. |
Numéro de pièce similaire - AD584KNZ |
|
Description similaire - AD584KNZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |