Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD421BRZRL Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD421BRZRL
Description  Loop-Powered 4 mA to 20 mA DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD421BRZRL Fiches technique(HTML) 1 Page - Analog Devices

  AD421BRZRL Datasheet HTML 1Page - Analog Devices AD421BRZRL Datasheet HTML 2Page - Analog Devices AD421BRZRL Datasheet HTML 3Page - Analog Devices AD421BRZRL Datasheet HTML 4Page - Analog Devices AD421BRZRL Datasheet HTML 5Page - Analog Devices AD421BRZRL Datasheet HTML 6Page - Analog Devices AD421BRZRL Datasheet HTML 7Page - Analog Devices AD421BRZRL Datasheet HTML 8Page - Analog Devices AD421BRZRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FUNCTIONAL BLOCK DIAGRAM
LOCAL
OSCILLATOR
SWITCHED
CURRENT
SOURCES
AND
FILTERING
BANDGAP
REFERENCE
REF IN
(+2.5V)
REF OUT1
(+1.25V)
REF OUT2
(+2.5V)
LV
VCC
DRIVE
COMP
BOOST
LOOP
RTN
C1 C2 C3
COM
LATCH
CLOCK
DATA
40
16-BIT
SIGMA-
DELTA DAC
75k
112.5k
134k
121k
80k
AD421
INPUT SHIFT
REGISTER
DAC LATCH
POWER-ON
RESET
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
FEATURES
4 mA to 20 mA Current Output
HART® Compatible
16-Bit Resolution and Monotonicity
0.01% Integral Nonlinearity
5 V or 3 V Regulator Output
2.5 V and 1.25 V Precision Reference
750
A Quiescent Current max
Programmable Alarm Current Capability
Flexible High Speed Serial Interface
16-Lead SOIC and PDIP Packages
Loop-Powered
4 mA to 20 mA DAC
AD421
PRODUCT HIGHLIGHTS
1. The AD421 is a single chip, high performance, low cost
solution for generating 4 mA to 20 mA signals for smart
industrial control transmitters.
2. The AD421’s regulated supply voltage can be used to power
any additional circuits in the transmitter. The regulated
output value is pin selectable as either +3 V, +3.3 V or +5 V.
3. The AD421’s on-chip references can provide a precision
reference voltage to other devices in the system. This refer-
ence voltage can be either +1.25 V or +2.5 V.
4. The AD421 is fully compatible with standard HART cir-
cuitry or other similar FSK protocols.
5. With the addition of a single discrete transistor, the AD421
can be operated from VCC + 2 V min to a maximum of the
breakdown voltage of the pass transistor.
6. The AD421 converts the digital data to current with 16-bit
resolution and monotonicity. Full-scale settling time to
±0.1% typically occurs within 8 ms.
7. The AD421 features a programmable alarm current capabil-
ity that allows the transmitter to send out of range currents to
indicate a transducer fault.
HART is a registered trademark of the HART Communication
Foundation.
GENERAL DESCRIPTION
The AD421 is a complete, loop-powered, digital to 4 mA to
20 mA converter, designed to meet the needs of smart trans-
mitter manufacturers in the Industrial Control industry. It pro-
vides a high precision, fully integrated, low cost solution in a
compact 16-lead package. The AD421 is ideal for extending the
resolution of smart 4 mA to 20 mA transmitters at very low cost.
The AD421 includes a selectable regulator that is used to power
itself and other devices in the transmitter. This regulator pro-
vides either a +5 V, +3.3 V or +3 V regulated output voltage.
The part also contains +1.25 V and +2.5 V precision references.
The AD421 thus eliminates the need for a discrete regulator
and voltage reference. The only external components required
are a number of passive components and a pass transistor to
span large loop voltages.
The AD421 can be used with standard HART FSK protocol
communication circuitry without any degradation in specified
performance. The high speed serial interface is capable of oper-
ating at 10 Mbps and allows for simple connection to com-
monly-used microprocessors and microcontrollers via a standard
three-wire serial interface.
The sigma-delta architecture of the DAC guarantees 16-bit
monotonicity while the integral nonlinearity for the AD421 is
±0.01%. The part provides a zero scale 4 mA output current
with
±0.1% offset error and a 20 mA full-scale output current
with
±0.2% gain error.
The AD421 is available in a 16-lead, 0.3 inch-wide, plastic DIP
and in a 16-lead, 0.3 inch-wide, SOIC package. The part is speci-
fied over the industrial temperature range of –40
°C to +85°C.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Numéro de pièce similaire - AD421BRZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD421BRZ AD-AD421BRZ Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
More results

Description similaire - AD421BRZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
UG-250 AD-UG-250 Datasheet
562Kb / 12P
   Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD693 AD-AD693_15 Datasheet
499Kb / 12P
   Loop-Powered 4-20 mA Sensor Transmitter
REV. A
CN-0267 AD-CN-0267 Datasheet
407Kb / 8P
   Complete 4 mA to 20 mA Loop Powered Field Instrument with HART Interface
REV. A
AD693BQ AD-AD693BQ Datasheet
462Kb / 12P
   Loop-Powered 4??0 mA Sensor Transmitter
REV. A
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com