Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD420ARZ-32 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD420ARZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD420ARZ-32 Fiches technique(HTML) 2 Page - Analog Devices

  AD420ARZ-32 Datasheet HTML 1Page - Analog Devices AD420ARZ-32 Datasheet HTML 2Page - Analog Devices AD420ARZ-32 Datasheet HTML 3Page - Analog Devices AD420ARZ-32 Datasheet HTML 4Page - Analog Devices AD420ARZ-32 Datasheet HTML 5Page - Analog Devices AD420ARZ-32 Datasheet HTML 6Page - Analog Devices AD420ARZ-32 Datasheet HTML 7Page - Analog Devices AD420ARZ-32 Datasheet HTML 8Page - Analog Devices AD420ARZ-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD420
Rev. H | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Timing Requirements ...................................................................... 7
 
Three-Wire Interface ................................................................... 7
 
Three-Wire Interface Fast Edges on Digital Input................... 7
 
Asynchronous Interface............................................................... 7
 
Terminology ...................................................................................... 8
 
Theory of Operation ........................................................................ 9
 
Applications Information .............................................................. 10
 
Current Output ........................................................................... 10
 
Driving Inductive Loads............................................................ 10
 
Voltage-Mode Output................................................................ 10
 
Optional Span and Zero Trim .................................................. 10
 
Three-Wire Interface ................................................................. 11
 
Using Multiple DACS with Fault Detect ................................. 11
 
Asynchronous Interface Using Optocouplers ........................ 11
 
Microprocessor Interface............................................................... 12
 
AD420-To-MC68HC11 (SPI Bus) Interface........................... 12
 
AD420 to Microwire Interface ................................................. 12
 
External Boost Function ........................................................... 13
 
AD420 Protection........................................................................... 14
 
Transient Voltage Protection .................................................... 14
 
Board Layout And Grounding ................................................. 14
 
Power Supplies and Decoupling............................................... 14
 
Outline Dimensions ....................................................................... 15
 
Ordering Guide .......................................................................... 15
 
REVISION HISTORY
1/11—Rev. G to Rev. H
Changes to Figure 13...................................................................... 13
Changes to Ordering Guide .......................................................... 15
11/09—Rev. F to Rev. G
Updated Format..................................................................Universal
Changes to Table 2............................................................................ 5
Updated Outline Dimensions ....................................................... 15
Changes to Ordering Guide .......................................................... 15
9/99—Rev. E to Rev. F


Numéro de pièce similaire - AD420ARZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420ARZ-32 AD-AD420ARZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ARZ-32-REEL AD-AD420ARZ-32-REEL Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Description similaire - AD420ARZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com