Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD420ARZ-32 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD420ARZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD420ARZ-32 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD420ARZ-32 Datasheet HTML 6Page - Analog Devices AD420ARZ-32 Datasheet HTML 7Page - Analog Devices AD420ARZ-32 Datasheet HTML 8Page - Analog Devices AD420ARZ-32 Datasheet HTML 9Page - Analog Devices AD420ARZ-32 Datasheet HTML 10Page - Analog Devices AD420ARZ-32 Datasheet HTML 11Page - Analog Devices AD420ARZ-32 Datasheet HTML 12Page - Analog Devices AD420ARZ-32 Datasheet HTML 13Page - Analog Devices AD420ARZ-32 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD420
Rev. H | Page 10 of 16
APPLICATIONS INFORMATION
CURRENT OUTPUT
The AD420 can provide 4 mA–20 mA, 0 mA–20 mA, or 0 mA–
24 mA output without any active external components. Filter
capacitors C1 and C2 can be any type of low cost ceramic
capacitors. To meet the specified full-scale settling time of 3 ms,
low dielectric absorption capacitors (NPO) are required.
Suitable values are C1 = 0.01 μF and C2 = 0.01 μF.
5
2
20
14
15
11
21
23
4
6
18
7
8
9
IOUT (4mA TO 20mA)
RLOAD
VCC
VLL
AD420
GND
0.1µF
0.1µF
REF IN
REF OUT
C1
C2
DATA IN
CLOCK
LATCH
CLEAR
RANGE
SELECT 2
RANGE
SELECT 1
Figure 6. Standard Configuration
DRIVING INDUCTIVE LOADS
When driving inductive or poorly defined loads ,connect a 0.01 μF
capacitor between IOUT (Pin 18) and GND (Pin 11). This ensures
stability of the AD420 with loads beyond 50 mH. There is no
maximum capacitance limit. The capacitive component of the
load may cause slower settling, though this may be masked by
the settling time of the AD420. A programmed change in the
current may cause a back EMF voltage on the output that may
exceed the compliance of the AD420. To prevent this voltage
from exceeding the supply rails connect protective diodes
between IOUT and each of VCC and GND.
VOLTAGE-MODE OUTPUT
Since the AD420 is a single supply device, it is necessary to add
an external buffer amplifier to the VOUT pin to obtain a selection
of bipolar output voltage ranges as shown in Figure 7.
5
2
20
14
15
11
21
23
4
6
17
7
8
9
VOUT
VOUT
R2
R3
R1
VCC
VLL
AD420
GND
0.1µF
0.1µF
REF IN
REF OUT
C1
C2
DATA IN
CLOCK
LATCH
CLEAR
RANGE
SELECT 2
RANGE
SELECT 1
Figure 7.
Table 7. Buffer Amplifier Configuration
R1
R2
R3
VOUT
Open
Open
0
0 V − 5 V
Open
R
R
R
Open
R
±5 V
R
2R
2R
±10 V
Suitable R = 5 kΩ.
OPTIONAL SPAN AND ZERO TRIM
For users who would like lower than the specified values of
offset and gain error, Figure 8 shows a simple way to trim these
parameters. Care should be taken to select low drift resistors
because they affect the temperature drift performance of
the DAC.
The adjustment algorithm is iterative. The procedure for
trimming the AD420 in the 4 mA–20 mA mode can be
accomplished as follows:
1.
Offset adjust. Load all zeros. Adjust RZERO for
4.00000 mA of output current.
2.
Gain adjust. Load all ones. Adjust RSPAN for 19.99976 mA
(FS − 1 LSB) of output current.
Return to Step I and iterate until convergence is obtained.
5
2
20
14
15
16
11
21
23
4
6
18
19
7
8
9
IOUT (4mA TO 20mA)
RLOAD
5kΩ
RSPAN2
500Ω
RSPAN
10kΩ
RZERO
BOOST
VCC
AD420
GND
REF OUT
C1
C2
DATA IN
CLOCK
LATCH
CLEAR
RANGE
SELECT 2
RANGE
SELECT 1
VLL
0.1µF
0.1µF
Figure 8. Offset and Gain Adjust
Variation of RZERO between REF OUT (5 V) and GND leads
to an offset adjust range from −1.5 mA to 6 mA, (1.5 mA/V
centered at 1 V).
The 5 kΩ RSPAN2 resistor is connected in parallel with the
internal 40 W sense resistor, which leads to a gain increase of
+0.8%.
As RSPAN is changed to 500 Ω, the voltage on REF IN is
attenuated by the combination of RSPAN and the 30 kΩ REF IN
input resistance. When added together with RSPAN2 this
results in an adjustment range of −0.8% to +0.8%.


Numéro de pièce similaire - AD420ARZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420ARZ-32 AD-AD420ARZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ARZ-32-REEL AD-AD420ARZ-32-REEL Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Description similaire - AD420ARZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com