Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD420AR-32 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD420AR-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD420AR-32 Fiches technique(HTML) 5 Page - Analog Devices

  AD420AR-32 Datasheet HTML 1Page - Analog Devices AD420AR-32 Datasheet HTML 2Page - Analog Devices AD420AR-32 Datasheet HTML 3Page - Analog Devices AD420AR-32 Datasheet HTML 4Page - Analog Devices AD420AR-32 Datasheet HTML 5Page - Analog Devices AD420AR-32 Datasheet HTML 6Page - Analog Devices AD420AR-32 Datasheet HTML 7Page - Analog Devices AD420AR-32 Datasheet HTML 8Page - Analog Devices AD420AR-32 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD420
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC to GND
32 V
IOUT to GND
VCC
Digital Inputs to GND
−0.5 V to +7 V
Digital Output to GND
−0.5 V to VLL + 0.3 V
VLL and REF OUT: Outputs Safe for
Indefinite Short to Ground
Storage Temperature
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
+300°C
Lead Temperature, Soldering Reflow
+260°C
Thermal Impedance:
SOIC (R) Package
θJA = 75°C/W
PDIP (N) Package
θJA = 50°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 3. Truth Table
Inputs
CLEAR
Range
Select 2
Range
Select 1
Operation
0
X
X
Normal operation
1
X
X
Output at bottom of
span
X
0
0
0 V–5 V range
X
0
1
4 mA–20 mA range
X
1
0
0 mA–20 mA range
X
1
1
0 mA–24 mA range
ESD CAUTION


Numéro de pièce similaire - AD420AR-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420AR-32 AD-AD420AR-32 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420AR-32 AD-AD420AR-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420AR-32-REEL AD-AD420AR-32-REEL Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Description similaire - AD420AR-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com