Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD420ANZ-32 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD420ANZ-32
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD420ANZ-32 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD420ANZ-32 Datasheet HTML 4Page - Analog Devices AD420ANZ-32 Datasheet HTML 5Page - Analog Devices AD420ANZ-32 Datasheet HTML 6Page - Analog Devices AD420ANZ-32 Datasheet HTML 7Page - Analog Devices AD420ANZ-32 Datasheet HTML 8Page - Analog Devices AD420ANZ-32 Datasheet HTML 9Page - Analog Devices AD420ANZ-32 Datasheet HTML 10Page - Analog Devices AD420ANZ-32 Datasheet HTML 11Page - Analog Devices AD420ANZ-32 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD420
Rev. H | Page 8 of 16
TERMINOLOGY
Resolution
For 16-bit resolution, 1 LSB = 0.0015% of the FSR. In the
4 mA–20 mA range 1 LSB = 244 nA.
Integral Nonlinearity
Analog Devices defines integral nonlinearity as the maximum
deviation of the actual, adjusted DAC output from the ideal
analog output (a straight line drawn from 0 to FS – 1 LSB) for
any bit combination. This is also referred to as relative accuracy.
Differential Nonlinearity
Differential nonlinearity is the measure of the change in the
analog output, normalized to full scale, associated with an LSB
change in the digital input code. Monotonic behavior requires
that the differential linearity error be greater than –1 LSB over
the temperature range of interest.
Monotonicity
A DAC is monotonic if the output either increases or remains
constant for increasing digital inputs with the result that the
output will always be a single-valued function of the input.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out.
Offset Error
Offset error is the deviation of the output current from its ideal
value expressed as a percentage of the fullscale output with all
0s loaded in the DAC.
Drift
Drift is the change in a parameter (such as gain and offset) over
a specified temperature range. The drift temperature coefficient,
specified in ppm/°C, is calculated by measuring the parameter
at TMIN, 25°C, and TMAX and dividing the change in the
parameter by the corresponding temperature change.
Current Loop Voltage Compliance
The voltage compliance is the maximum voltage at the IOUT pin for
which the output current will be equal to the programmed value.


Numéro de pièce similaire - AD420ANZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results

Description similaire - AD420ANZ-32

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD694 AD-AD694 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694 AD-AD694_02 Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ-REEL AD-AD694BRZ-REEL Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694ARZ AD-AD694ARZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694BRZ AD-AD694BRZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
AD694JNZ AD-AD694JNZ Datasheet
163Kb / 16P
   4??0 mA Transmitter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com