Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TDA1085C Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce TDA1085C
Description  UNIVERSAL MOTOR SPEED CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TDA1085C Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button TDA1085C Datasheet HTML 2Page - Motorola, Inc TDA1085C Datasheet HTML 3Page - Motorola, Inc TDA1085C Datasheet HTML 4Page - Motorola, Inc TDA1085C Datasheet HTML 5Page - Motorola, Inc TDA1085C Datasheet HTML 6Page - Motorola, Inc TDA1085C Datasheet HTML 7Page - Motorola, Inc TDA1085C Datasheet HTML 8Page - Motorola, Inc TDA1085C Datasheet HTML 9Page - Motorola, Inc TDA1085C Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TDA1085C
6
MOTOROLA ANALOG IC DEVICE DATA
Ramps Generator – (Pin 6) If only a high acceleration ramp is
needed, connect Pin 6 to ground.
When a Distribute ramp should occur, preset a voltage on Pin 6
which corresponds to the motor speed starting ramp point.
Distribution (or low ramp) will continue up to the moment the motor
speed would have reached twice the starting value.
The ratio of two is imposed by the IC. Nevertheless, it could be
externally changed downwards (Figure 6) or upwards (Figure 7).
The distribution ramp can be shortened by an external resistor from
VCC charging CPin 7, adding its current to the internal 5.0 µA
generator.
Power Circuits
Triac Triggering pulse amplitude must be determined by Pin 13
resistor according to the needs in Quadrant IV. Trigger pulse duration
can be disturbed by noise signals generated by the triac itself, which
interfere within Pins 14 and 16, precisely those which determine it.
While easily visible, this effect is harmless.
The triac must be protected from high AC line dV/dt during external
disturbances by 100 nF x 100
Ω network.
Shunt resistor must be as non–inductive as possible. It can be made
locally by using constantan alloy wire.
When the load is a DC fed universal motor through a rectifier bridge,
the triac must be protected from commutating dV/dt by a 1.0 to
2.0 mH coil in series with MT2.
Synchronization functions are performed by resistors sensing AC
line and triac conduction. 820 k values are normal but could be
reduced down to 330 k in order to detect the “zeros” with accuracy
and to reduce the residual DC line component below 20 mA.
Current Limitation
The current limiter starts to discharge Pin 7 capacitor (reference
speed) as the motor current reaches the designed threshold level.
The loop gain is determined by the resistor connecting Pin 3 to the
series shunt. Experience has shown that its optimal value for a
10 Arms limitation is within 2.0 k
Ω. Pin 3 input has a sensitivity in
current which is limited to reasonable values and should not react to
spikes.
If not used, Pin 3 must be connected to a maximum positive voltage
of 5.0 V rather than be left open.
Loop Stability
The Pin 16 network is predominant and must be adjusted
experimentally during module development. The values indicated in
Figure 4 are typical for washing machine applications but accept
large modifications from one model to another. R16 (the sole
restriction) should not go below 33 k, otherwise slew rate limitation
will cause large transient errors for load steps.
Figure 2. Acceleration Ramp
Figure 3. Programmable Double
Acceleration Ramp
V
VPin 5
VPin 7
t
0
VPin 6 = VDS
0
VDS
VDF
High Acceleration
Ramp
Distribution
Low Acceleration
Ramp
High Acceleration
Ramp
VPin 5 fixed set value
Speeds
t
VPin 4
VDF = 2 VDS


Numéro de pièce similaire - TDA1085C

FabricantNo de pièceFiches techniqueDescription
ON Semiconductor
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
TDA1085CG ONSEMI-TDA1085CG Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
More results

Description similaire - TDA1085C

FabricantNo de pièceFiches techniqueDescription
ON Semiconductor
ON Semiconductor
TDA1085C ONSEMI-TDA1085C Datasheet
118Kb / 12P
   Universal Motor Speed Controller
April, 2006 ??Rev. 9
Samsung semiconductor
Samsung semiconductor
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
   DC MOTOR SPEED CONTROLLER
IXYS Corporation
IXYS Corporation
AN-109 IXYS-AN-109 Datasheet
70Kb / 3P
   Variable-Speed Motor Controller
Samsung semiconductor
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
   DC MOTOR SPEED CONTROLLER
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
   DC MOTOR SPEED CONTROLLER
S1A2402C01 SAMSUNG-S1A2402C01 Datasheet
48Kb / 4P
   DC MOTOR SPEED CONTROLLER
Sanyo Semicon Device
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
   Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
   Constant-Speed DC Motor Controller?
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
NXP Semiconductors
NXP Semiconductors
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz