Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SL0310001 Datasheet(Fiches technique) 1 Page - AMETHERM Circuit Protection Thermistors

Numéro de pièce SL0310001
Description  Mechanical Specifications
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AMETHERM [AMETHERM Circuit Protection Thermistors]
Site Internet  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SL0310001 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SL0310001_12 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet
SL03 10001
Mechanical Specifications (mm)
Electrical Specifications
Max Steady State Current upto 65°c: 1.00
A
J
2
Max Rec. Energy Rating:
Actual Failure Instantaneous Energy: 7
J
0.80
Resistance @ 100% Max Current:
Resistance @ 50% Max Current: 2.00
°c
112.80
Body Temperature at 100% Max Current:
Dissipation Constant: 6.2
mw/°c
Sec.
52
Thermal Time Constant:
Material Type (for Beta and Curve): A
D:
3.0
max
max
3.0
T:
Lead Diameter
0.5
nom
nom
2.5
S:
L: 38.0
nom
Coating Lead Run Down
(straight Leads)
B: 3.00
nom
nom
1.20
C:
±
±
±
±
±
±
±
±
ISO9001:2008 Certified
Resistance: 10.0 Ω ± 20 %
SL03 10001
11/11/2008
Erin Landis
Mehdi Samii
Ametherm, Inc.
3111 N. Deer Run Road
Carson City, Nevada USA 89701
www.ametherm.com
Drawn by:
Date:
Approved By:
a
Revison:


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn