Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD37033FV-M Fiches technique(PDF) 11 Page - Rohm

No de pièce BD37033FV-M
Description  Sound Processors for Car Audio
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD37033FV-M Fiches technique(HTML) 11 Page - Rohm

Back Button BD37033FV-M Datasheet HTML 7Page - Rohm BD37033FV-M Datasheet HTML 8Page - Rohm BD37033FV-M Datasheet HTML 9Page - Rohm BD37033FV-M Datasheet HTML 10Page - Rohm BD37033FV-M Datasheet HTML 11Page - Rohm BD37033FV-M Datasheet HTML 12Page - Rohm BD37033FV-M Datasheet HTML 13Page - Rohm BD37033FV-M Datasheet HTML 14Page - Rohm BD37033FV-M Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11/38
Datasheet
BD37033FV-M
TSZ02201-0C2C0E100000-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3.NOV.2013 Rev.002
www.rohm.com
TSZ22111
・15・001
(5)Select Address and Data
Items
Select
Address
(hex)
MSB
Data
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Initial Setup
01
Advanced
Switch
ON/OFF
Anti Alias
Filter
ON/OFF
Advanced Switch
Time of Volume/Fader
/Tone/Loudness
0
1
Advanced Switch
Time of Mute
LPF Setup
02
LPF
Phase
0°/180°
Level
Meter
Reset
Subwoofer Output
Selector
Subwoofer
Input
Selector
Subwoofer LPF fc
Mixing Setup
03
Mixing Input
Selector
0
Loudness f0
MIX_2CH
ON/OFF
MIX_1CH
ON/OFF
1
Input Selector
05
Full-diff
Type
0
0
Input Selector
Input Gain
06
MUTE
ON/OFF
0
0
Input Gain
Volume Gain
20
Volume Gain / Attenuation
Fader 1ch Front
28
Fader Gain / Attenuation
Fader 2ch Front
29
Fader Gain / Attenuation
Fader 1ch Rear
2A
Fader Gain / Attenuation
Fader 2ch Rear
2B
Fader Gain / Attenuation
Fader 1ch Sub
2C
Fader Gain / Attenuation
Mixing (2ch Sub)
30
Mixing Gain / Attenuation
Bass setup
41
0
0
Bass f0
0
0
Bass Q
Middle setup
44
0
0
Middle f0
0
0
Middle Q
Treble setup
47
0
0
Treble f0
0
0
0
Treble
Q
Bass Gain
51
Bass
Boost/Cut
0
0
Bass Gain
Middle Gain
54
Middle
Boost/Cut
0
0
Middle Gain
Treble Gain
57
Treble
Boost/Cut
0
0
Treble Gain
Loudness Gain
75
0
Loudness Hi_Cut
Loudness Gain
System Reset
FE
1
0
0
0
0
0
0
1
: Advanced Switch
(Set up bit (It is written with “0” by the above table) which hasn’t been used in “0”.
Note
1. In function changing of the hatching part, it works Advanced switch..
2. Upon continuous data transfer, the Select Address is circulated by the automatic increment function, as shown below.
3. For the function of input selector and subwoofer input select etc, it is not corresponded for advanced switch.
Therefore, please apply mute on the side of a set when changes these setting.
4
.
When using mute function of this IC at the time of changing input selector, please switch mute ON/OFF
for waiting advanced-mute time.


Numéro de pièce similaire - BD37033FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD37034FVME2 ROHM-BD37034FVME2 Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
More results

Description similaire - BD37033FV-M

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD3443FS ROHM-BD3443FS Datasheet
294Kb / 6P
   Silicon monolithic integrated circuit Sound processor for car audio
logo
Renesas Technology Corp
M62419FP RENESAS-M62419FP Datasheet
118Kb / 9P
   Sound Controller for Car Stereo
logo
Mitsubishi Electric Sem...
M62419FP MITSUBISHI-M62419FP Datasheet
57Kb / 6P
   SOUND CONTROLLER FOR CAR STEREO
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3813KS ROHM-BD3813KS_1 Datasheet
439Kb / 18P
   5.1ch Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com