Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD34701KS2-E2 Fiches technique(PDF) 6 Page - Rohm

No de pièce BD34701KS2-E2
Description  7.1ch Sound Processor with Built-in Micro-step Volume
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD34701KS2-E2 Fiches technique(HTML) 6 Page - Rohm

Back Button BD34701KS2-E2 Datasheet HTML 2Page - Rohm BD34701KS2-E2 Datasheet HTML 3Page - Rohm BD34701KS2-E2 Datasheet HTML 4Page - Rohm BD34701KS2-E2 Datasheet HTML 5Page - Rohm BD34701KS2-E2 Datasheet HTML 6Page - Rohm BD34701KS2-E2 Datasheet HTML 7Page - Rohm BD34701KS2-E2 Datasheet HTML 8Page - Rohm BD34701KS2-E2 Datasheet HTML 9Page - Rohm BD34701KS2-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6/29
Datasheet
Datasheet
BD34701KS2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0C2C0E100080-1-2
17.Sep.2013 Rev.002
Electrical characteristic
Unless specified particularly, Ta=25°C, Vcc=7V, Vee=-7V, f=1kHz, Vin=1Vrms, RL=10k
Ω,
Stereo input selector(MAIN, SUB)=IN1, Mode selector(FL, FRch)=MAIN, Mode selector(SW, C, SL, SRch)=MULTI,
Mode selector(SBL, SBRch)=MULTI, Input Att=0dB, Input gain=0dB, Volume=0dB.
Item
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
TOTAL
Positive circuit current
Iqp
-
22
44
mA
No signal
Negative circuit current
Iqn
-44
-22
-
mA
No signal
Output voltage gain
Gv
-1.5
0
1.5
dB
6 to 13pin output
Channel balance
CB
-0.5
0
0.5
dB
C Channel reference,
6 to 13pin output
Total harmonic distortion
THD
-
0.0004
0.02
%
BW=400 to 30kHz
6 to 13pin output
Maximum output voltage
Vom
3.8
4.2
-
Vrms
THD=1%,
VOLUME=+10dB
6 to 13pin output
Output noise voltage
Vno
-
1.5
10
µVrms
Rg=0
Ω, BW=IHF-A
6 to 13pin output
Residual output noise
voltage
Vnor
-
1
8
µVrms
Volume=Mute,
Rg=0
Ω, BW=IHF-A
6 to 13pin output
Cross-talk between
channels
CT
-
-105
-80
dB
Rg=0
Ω, BW=IHF-A
6, 7pin output
Cross-talk between
selectors
CS
-
-105
-80
dB
Rg=0
Ω, BW=IHF-A
6, 7pin output
Input impedance
Rin
32
47
62
k
22 to 25, 27 to 38
40 to 47pin input
VOLUME
Maximum attenuation
ATTmax
-
-115
-100
dB
Volume=Mute, BW=IHF-A
REC
OUT
Total harmonic distortion
THDR
-
0.0005
0.02
%
BW=400 to 30kHz,
RL=6.8k
14,15,18,19pin output


Numéro de pièce similaire - BD34701KS2-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD34700FV ROHM-BD34700FV Datasheet
951Kb / 31P
   Micro-step volume can reduce the switching pop noise when volume changes
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34704KS2-E2 ROHM-BD34704KS2-E2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD34705KS2 ROHM-BD34705KS2 Datasheet
1Mb / 39P
   Built-in 2ch Volume for ZONE output
More results

Description similaire - BD34701KS2-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD34704KS2 ROHM-BD34704KS2 Datasheet
1Mb / 40P
   7.1ch Sound Processor for High-Quality Audio with Built-in Micro-step Volume
BD3452KS ROHM-BD3452KS_10 Datasheet
378Kb / 10P
   7.1ch Sound Processor
logo
Mitsubishi Electric Sem...
M61516FP MITSUBISHI-M61516FP Datasheet
405Kb / 24P
   MITSUBISHI SOUND PROCESSOR ICs 7.1ch ELECTRONIC VOLUME WITH 10 INPUT SELECTOR
logo
Rohm
BD3471KS2 ROHM-BD3471KS2 Datasheet
3Mb / 23P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3473KS2 ROHM-BD3473KS2 Datasheet
4Mb / 25P
   7.1ch Sound Processors with Built-in Mode and Input Selectors
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com