Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD584KNZ Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD584KNZ
Description  Pin Programmable, Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD584KNZ Fiches technique(HTML) 1 Page - Analog Devices

  AD584KNZ Datasheet HTML 1Page - Analog Devices AD584KNZ Datasheet HTML 2Page - Analog Devices AD584KNZ Datasheet HTML 3Page - Analog Devices AD584KNZ Datasheet HTML 4Page - Analog Devices AD584KNZ Datasheet HTML 5Page - Analog Devices AD584KNZ Datasheet HTML 6Page - Analog Devices AD584KNZ Datasheet HTML 7Page - Analog Devices AD584KNZ Datasheet HTML 8Page - Analog Devices AD584KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Pin Programmable,
Precision Voltage Reference
Data Sheet
AD584
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1978–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Four programmable output voltages
10.000 V, 7.500 V, 5.000 V, and 2.500 V
Laser-trimmed to high accuracies
No external components required
Trimmed temperature coefficient
15 ppm/°C maximum, 0°C to 70°C (AD584K)
15 ppm/°C maximum, −55°C to +125°C (AD584T)
Zero output strobe terminal provided
2-terminal negative reference: capability (5 V and above)
Output sources or sinks current
Low quiescent current: 1.0 mA maximum
10 mA current output capability
MIL-STD-883 compliant versions available
PIN CONFIGURATIONS
Figure 1. 8-Pin TO-99
Figure 2. 8-Lead PDIP
GENERAL DESCRIPTION
The AD584 is an 8-terminal precision voltage reference offering
pin programmable selection of four popular output voltages:
10.000 V, 7.500 V, 5.000 V and 2.500 V. Other output voltages,
above, below, or between the four standard outputs, are available by
the addition of external resistors. The input voltage can vary
between 4.5 V and 30 V.
Laser wafer trimming (LWT) is used to adjust the pin
programmable output levels and temperature coefficients,
resulting in the most flexible high precision voltage reference
available in monolithic form.
In addition to the programmable output voltages, the AD584
offers a unique strobe terminal that permits the device to be
turned on or off. When the AD584 is used as a power supply
reference, the supply can be switched off with a single, low power
signal. In the off state, the current drained by the AD584 is reduced
to approximately 100 µA. In the on state, the total supply current is
typically 750 µA, including the output buffer amplifier.
The AD584 is recommended for use as a reference for 8-, 10-,
or 12-bit digital-to-analog converters (DACs) that require an
external precision reference. In addition, the device is ideal for
analog-to-digital converters (ADCs) of up to 14-bit accuracy,
either successive approximation or integrating designs, and in
general, it can offer better performance than that provided by
standard self-contained references.
The AD584J and AD584K are specified for operation from 0°C
to +70°C, and the AD584S and AD584T are specified for the
−55°C to +125°C range. All grades are packaged in a hermetically
sealed, eight-terminal TO-99 metal can, and the AD584J and
AD584K are also available in an 8-lead PDIP.
PRODUCT HIGHLIGHTS
1. The flexibility of the AD584 eliminates the need to design-
in and inventory several different voltage references.
Furthermore, one AD584 can serve as several references
simultaneously when buffered properly.
2. Laser trimming of both initial accuracy and temperature
coefficient results in very low errors overtemperature
without the use of external components.
3. The AD584 can be operated in a 2-terminal Zener mode at
a 5 V output and above. By connecting the input and the
output, the AD584 can be used in this Zener configuration
as a negative reference.
4. The output of the AD584 is configured to sink or source
currents. This means that small reverse currents can be
tolerated in circuits using the AD584 without damage to
the reference and without disturbing the output voltage
(10 V, 7.5 V, and 5 V outputs).
5. The AD584 is available in versions compliant with MIL-STD-
883. Refer to the Analog Devices current AD584/883B data
sheet for detailed specifications. This can be found under the
Additional Data Sheets section of the AD584 product page.
1
2
6
7
3
5
8
V+
TAB
4
AD584
TOP VIEW
(Not to Scale)
COMMON
STROBE
VBG
CAP
2.5V
5.0V
10.0V
10.0V
1
5.0V
2
2.5V
3
COMMON
4
V+
8
CAP
7
VBG
6
STROBE
5
AD584
TOP VIEW
(Not to Scale)


Numéro de pièce similaire - AD584KNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD584KNZ AD-AD584KNZ Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584KNZ AD-AD584KNZ Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
More results

Description similaire - AD584KNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com