Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A10038-01 Fiches technique(PDF) 4 Page - Hamamatsu Corporation

No de pièce A10038-01
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10038-01 Fiches technique(HTML) 4 Page - Hamamatsu Corporation

  A10038-01 Datasheet HTML 1Page - Hamamatsu Corporation A10038-01 Datasheet HTML 2Page - Hamamatsu Corporation A10038-01 Datasheet HTML 3Page - Hamamatsu Corporation A10038-01 Datasheet HTML 4Page - Hamamatsu Corporation A10038-01 Datasheet HTML 5Page - Hamamatsu Corporation A10038-01 Datasheet HTML 6Page - Hamamatsu Corporation A10038-01 Datasheet HTML 7Page - Hamamatsu Corporation A10038-01 Datasheet HTML 8Page - Hamamatsu Corporation A10038-01 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
GAdapter Block A10030-01, -02
The A10030-01 is an adapter block for connecting a PMT module to
each block. The A10030-01 adapter block has M4 and M3 screw holes
for securing to an optical bench or optical stage. A mini-post can also
be attached to the M4 screw holes.
Applicable mini-post: OptoSigma Model 155-0XXX
NOTE: Avoid frequently attaching and detaching from PMT
module.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
TPMOA0050EA
Type No.
A10030-01
A10030-02
Effective Beam Size
8 mm
12 mm*
Weight
Approx. 18 g
M4 DEPTH 5
(MOUNTING THREADED HOLE)
2-M3 DEPTH 3
(MOUNTING THREADED HOLE)
4-M2
(THUMB SCREW
FOR PMT MODULE)
GASKET
26.0
±0.1
15.0
±0.1
10.8
±0.1
8
4
0.5
A10030-01
TPMOA0085EA
A10030-02
M4 DEPTH 5
(MOUNTING THREADED HOLE)
2-M3 DEPTH 4
(MOUNTING THREADED HOLE)
4-M2
(THUMB SCREW
FOR PMT MODULE)
GASKET
27.0
±0.1
18.0
±0.1
10.5
±0.1
8
4
0.5
15.5
±0.1
One end of this adapter block has a C-mount (male threads) that con-
nects to the H7421 series or H7422 series PMT module, while the oth-
er end couples to another optical block. This adapter block also con-
nects to a commercially available device with a C-mount.
This adapter block can also be connected to commercially sold C-
mount products.
* When connected to other optical blocks, their effective optical path diameters
take precedence.
4
BLOCK CHARACTERISTICS
A10030-01
A10030-02
COMPATIBLE PMT MODULES
H10720/H10721/H10722/H10723/H11706
H12056/H10682/H11890/H11526
H10799 (built-in photodiode)
H7826/H7827/H7828
Dimensional Outlines (Unit: mm)
GC-Mount Adapter Block A10039
SPECIFICATIONS
* Supplied: C-mount double female thread ring.
Type No.
A10039
Effective Beam Size
8 mm
Weight
Approx. 27 g
TACCA0287EA
22.0
±0.1
16.5
±0.2
3.5
±0.1
4
C-MOUNT (MALE)
How to connect a C-mount adapter block
1. Loosen the four screws
on the adapter block
and make sure the C-
mount ring is separated
about 1 mm from the
adapter block body.
2. Insert the C-mount ring
into the C-mount of the
PMT module and turn
the adapter block body
clockwise until it stops.
3. Turn the adapter block
body counterclockwise
so that it is positioned
at the desired angle
and then tighten the
four screws.


Numéro de pièce similaire - A10038-01

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A1003 ETC2-A1003 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1003 ETC1-A1003 Datasheet
1Mb / 24P
   Desoldering Tool
A1003 ETC2-A1003 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Description similaire - A10038-01

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com