Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTLS4M00G53-B0 Fiches technique(PDF) 7 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTLS4M00G53-B0
Description  Ceramic Resonator (CERALOCK)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTLS4M00G53-B0 Fiches technique(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CSTLS4M00G53-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTLS4M00G53-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
5
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
1
Dimensions and Standard Land Pattern of Chip
CERALOCK® (CSTCC/CSTCR/CSTCE/CSTCW Series)
Part Number
Frequency (MHz)
2.00–3.99
Dimensions
Standard Land Pattern (in mm)
7.2
3.0
1.2 1.2
2.5
2.5
1.4 1.2 1.2
0.8
0.4
1.5
1.5
0.4
0.4
0.8
0.8
0.7
0.7
4.5
CSTCC
G*2
4.00–7.99
CSTCR
G*2
CSTCE
G*2
CSTCE
V*2
8.00–13.99
14.00–20.00
20.01–70.00
0.4
0.4
0.4
0.8
0.8
1.2
1.2
3.2
1.3
0.3
0.3
0.65
0.3
0.65
0.95
0.95
3.2
1.3
2.5
0.5
0.5
0.5
0.5
1.0
1.0
0.5
CSTCW
X*2
∗1 Thickness varies with frequency.
∗2 Conformal coating or washing of the components is not acceptable
because they are not hermetically sealed.
(in mm)
4.0±0.1
2.0±0.05
4.0±0.1
ø1.5
0.1
0
ø1.5
0.1
0
2.2±0.1
Direction of Feed
(3˚)
10˚
Cover Film
The cover film peel strength force 0.1 to 0.7N
The cover film peel speed 300mm/min.
■Dimensions of Carrier Tape for Chip CERALOCK®
CSTCR Series
1
Characteristics and Types of CERALOCK®
P17E.pdf
2012.10.31


Numéro de pièce similaire - CSTLS4M00G53-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTLS4M00G53-B0 MURATA-CSTLS4M00G53-B0 Datasheet
33Kb / 1P
   Ceramic Resonators
CSTLS4M00G53-B0 MURATA-CSTLS4M00G53-B0 Datasheet
722Kb / 32P
   Ceramic Resonator
CSTLS4M00G53-B0 MURATA-CSTLS4M00G53-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
CSTLS4M00G53-B0 MURATA-CSTLS4M00G53-B0 Datasheet
728Kb / 32P
   Ceramic Resonator
logo
Murata Manufacturing Co...
CSTLS4M00G53-B0 MURATA1-CSTLS4M00G53-B0 Datasheet
339Kb / 2P
   Specification of Piezoelectric Ceramic Resonator
01/02/2023
More results

Description similaire - CSTLS4M00G53-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
P16E MURATA-P16E Datasheet
1Mb / 45P
   Ceramic Resonators (CERALOCK)
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com